AI

The **M2REB-RBC-R** is an electronic component, specifically a **Miniature Toggle Switch** manufactured by **NKK Switches**. It belongs to the **M series**, which is widely recognized for its high reliability and diverse mounting options.
Below is a detailed breakdown of its electronic and mechanical characteristics.
---
## 1. Technical Specifications
The "M2REB-RBC-R" code defines specific parameters regarding the electrical rating, mounting style, and actuator type.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | NKK Switches |
| **Series** | M Series (Miniature Toggles) |
| **Circuit Type** | SPDT (Single Pole Double Throw) |
| **Switch Function** | ON - ON |
| **Contact Rating** | 0.4VA Max @ 28V AC/DC (Logic Level) |
| **Termination Style** | Right Angle PC Pin (Horizontal Mount) |
| **Actuator Type** | Flatted Lever (RBC Designator) |
| **Mounting Type** | Through Hole, Right Angle |
---
## 2. Key Electronic Features
### A. Contact Material and Rating
Unlike standard power switches, the "R" suffix in the M2 series usually indicates **Gold-plated contacts**.
* **Logic Level Application:** The 0.4VA rating at 28V is designed specifically for low-energy circuits where reliability is critical. Gold prevents oxidation, ensuring a stable connection even after long periods of inactivity.
* **Dry Circuit Compatibility:** It is ideal for signaling and data switching rather than high-power AC mains switching.
### B. Internal Construction
* **Anti-Rotation Design:** The flatted lever is designed to resist rotation, ensuring the orientation of the actuator remains consistent.
* **Epoxy Sealed Terminals:** The base is typically sealed with epoxy to prevent flux, solvents, and other contaminants from entering the contact area during soldering.
* **High Torque Bushing:** The mechanical structure prevents the lever from transferring excessive force to the internal contacts during operation.
### C. Termination Configuration
The **RBC-R** designation indicates a specific PC tail orientation:
* **Right Angle (Horizontal):** The pins are bent at a 90-degree angle, allowing the switch to be mounted flat against a PCB while the actuator protrudes from the side of the enclosure.
---
## 3. Application Use Cases
Due to its miniature size and logic-level reliability, this switch is commonly found in:
1. **Handheld Devices:** Where space is limited and low power consumption is required.
2. **Audio/Visual Equipment:** For signal routing or mode selection.
3. **Industrial Controls:** As a reset or configuration toggle on a control board.
4. **Medical Instrumentation:** Where high-reliability gold contacts are necessary for sensitive sensor data.
---
- ⤷
What is the difference between the 'ON-ON' and 'ON-OFF-ON' functions in this series?
- ⤷ Can this switch be used for 120V AC applications?
- ⤷ What are the physical dimensions of the M2 series flatted lever?