Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2REB-S43-R2

  • AI
    The **M2REB-S43-R2** is a specific electronic component, typically categorized as a **high-precision, compact rotary encoder or sensor module**, often used in industrial automation, robotics, and medical equipment. Below is a detailed breakdown of its specifications, electronic characteristics, and typical applications. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Magnetic Rotary Encoder / Sensor Module | | **Resolution** | High-resolution (often 12-bit to 16-bit depending on configuration) | | **Output Interface** | Typically Serial (SSI, SPI) or Incremental (A/B/Z) | | **Supply Voltage** | Usually 3.3V or 5V DC | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Mounting Type** | Surface Mount (SMD) or specialized connectorized module | --- ### 2. Electronic Components & Working Principle The M2REB-S43-R2 relies on **Magnetoresistive (MR)** or **Hall Effect** technology to detect angular position. #### A. Internal Sensor Array The core of the unit contains a bridge of resistors sensitive to magnetic fields. As a permanent magnet attached to a rotating shaft moves above the sensor, the resistance changes. #### B. Signal Processing (ASIC) The raw analog signal from the sensors is processed by an internal **Application-Specific Integrated Circuit (ASIC)**. This chip performs: * **Interpolation:** Increasing the resolution beyond the physical sensor count. * **Error Correction:** Compensating for temperature drift or magnetic misalignment. * **Digitization:** Converting the analog sine/cosine waves into a digital output. #### C. Output Stages The "R2" suffix often denotes a specific revision or output protocol variant. It typically supports: * **Quadrature Output:** Phase-shifted square waves for direction and speed. * **Absolute Position:** Providing the exact angle immediately upon power-up without needing a "home" sequence. --- ### 3. Connection Diagram (General Concept) If you are integrating this into a circuit, the pinout generally follows this structure: ```cpp // Typical Pin Configuration (Example) Pin 1: VCC (Power Supply) Pin 2: GND (Ground) Pin 3: CLK (Clock Input for Serial) Pin 4: DATA (Data Output) Pin 5: A (Incremental Channel A) Pin 6: B (Incremental Channel B) ``` --- ### 4. Typical Applications * **Robotic Joints:** Monitoring the precise angle of a robot arm. * **BLDC Motors:** Providing feedback for electronic commutation. * **Medical Devices:** High-accuracy positioning in imaging or surgical tools. * **Consumer Electronics:** High-end dials or haptic feedback controllers. ---
    ✨ Follow-up Questions
    • ⤷What is the exact communication protocol for the R2 variant?
    • ⤷ Does this model require a specific magnetic actuator for operation?
    • ⤷ How does the M2REB-S43-R2 compare to optical encoders in terms of durability?