M2REB-S54-R2SLASHN
AI

The part number **M2REB-S54-R2/N** typically refers to a high-density, high-speed connector, most commonly associated with **JAE (Japan Aviation Electronics)** or similar specialized electronic component manufacturers. This specific series is often used in automotive or industrial applications requiring robust signal integrity.
### 1. Component Specifications
The following table outlines the technical characteristics generally associated with this part series:
| Feature | Description |
| :--- | :--- |
| **Connector Type** | Board-to-Board / High-speed transmission |
| **Number of Positions** | 54 Pins |
| **Mounting Type** | Surface Mount (SMT) / Right Angle |
| **Pitch** | Typically 0.5mm or 0.8mm (Series dependent) |
| **Termination** | Solder |
| **Material** | High-temperature thermoplastic (LCP) |
| **Contact Plating** | Gold over Nickel |
---
### 2. Breakdown of Part Numbering
While internal codes vary by manufacturer, the breakdown for this specific nomenclature usually follows this logic:
* **M2REB**: The series identifier (often indicating a shielded, high-speed interface).
* **S**: Indicates the Gender (typically **S**ocket/Female).
* **54**: Indicates the **Pin Count** (54 positions).
* **R2**: Refers to the physical orientation or packaging (e.g., Right Angle, Reel Type 2).
* **SLASHN (/N)**: Usually denotes a specific revision, a "No-Lead" (RoHS compliant) status, or a specialized plating variant.
---
### 3. Key Electronic Characteristics
#### Signal Integrity
These connectors are designed to handle **LVDS** (Low-Voltage Differential Signaling) and **PCIe** protocols. They feature impedance control to minimize signal reflection and crosstalk at high frequencies.
#### Environmental Durability
* **Vibration Resistance:** Designed for automotive environments where constant mechanical stress is present.
* **Thermal Range:** Usually rated for operation between **-40°C to +105°C**.
* **Shielding:** Many "M2" series connectors include an integrated metal shell to provide EMI/EMC protection, crucial for sensitive communication modules.
---
### 4. Typical Applications
1. **Automotive Infotainment:** Connecting display panels to the Head Unit.
2. **ADAS Modules:** Interfacing cameras or radar sensors with processing boards.
3. **Industrial Computing:** Compact PLC modules or high-speed data acquisition cards.
- ⤷
Is this connector compatible with standard LVDS pinouts?
- ⤷ What is the recommended PCB footprint for the S54-R2 variant?
- ⤷ Are there specific mating headers recommended for this socket?