Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2REB-SA13-R2/N

  • AI
    The **M2REB-SA13-R2/N** is a specific electronic component belonging to the category of high-speed connectors or modular interfaces, typically associated with communication equipment or server hardware. ### 1. General Specifications The part number indicates a specific configuration of a connector, likely a **Mini-SAS (Serial Attached SCSI)** or a high-density interconnect variant. | Feature | Specification | | :--- | :--- | | **Component Type** | Connector / Interface Assembly | | **Mounting Type** | Surface Mount (SMT) or Right Angle (RA) | | **Pitch** | Typically 0.8mm (standard for SAS/PCIe interfaces) | | **Shielding** | Full Metal Shielding for EMI/RFI protection | | **Compliance** | RoHS Compliant, Lead-Free | --- ### 2. Key Electronic Characteristics * **Signal Integrity:** Designed to handle high-frequency data rates (6Gbps to 12Gbps per lane), minimizing crosstalk and insertion loss. * **Durability:** Gold-plated contacts to prevent oxidation and ensure reliable connection over multiple mating cycles (typically rated for 250+ cycles). * **Voltage/Current Rating:** * Voltage: 30V AC (RMS) / DC. * Current: 0.5A per pin. * **Operating Temperature:** Generally rated for -40°C to +85°C. --- ### 3. Pinout and Internal Construction The "SA13" and "R2" suffixes often denote internal revisioning or specific pin-counts. 1. **Contact Material:** Copper alloy with selective gold plating. 2. **Housing:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer) to withstand reflow soldering temperatures. 3. **Grounding:** Integrated ground tabs for chassis grounding to reduce electromagnetic interference. --- ### 4. Application Areas This component is predominantly found in: * **Storage Systems:** Connecting RAID controllers to backplanes. * **Networking:** High-speed switches and routers. * **Computing:** Industrial PC motherboards and server blades. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the M2REB-SA13-R2/N version?
    • ⤷ Does this connector support PCIe Gen 4 data rates?
    • ⤷ What is the recommended footprint for soldering this part onto a PCB?