Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2REB-SA4-R2/CE

  • AI
    The **M2REB-SA4-R2/CE** is a specific model identifier typically associated with **industrial automation components**, specifically within the category of **rotary encoders** or high-precision feedback sensors often used in robotics and CNC machinery. Below is a breakdown of the electronic and technical specifications associated with this type of component. --- ### 1. Technical Specifications Overview This device is designed to translate mechanical motion into electrical signals for position sensing. | Feature | Specification Details | | :--- | :--- | | **Device Type** | Rotary Magnetic Encoder / Resolver | | **Output Interface** | Serial (Synchronous) or Analog Sin/Cos | | **Input Voltage** | Typically 5V DC ± 5% | | **Resolution** | High-density pulses per revolution (PPR) | | **Protection Rating** | IP65 or higher (Dust and Water resistant) | | **Temperature Range** | -20°C to +85°C (Standard Industrial) | --- ### 2. Key Electronic Components & Subsystems #### A. Sensing Element The "REB" in the part number often signifies a **Resolver** or **Magnetic Resistance** sensing element. Unlike optical encoders that use glass disks, these use: * **Magnetic Pickups:** Detects changes in the magnetic field as a dipolar magnet rotates. * **Robustness:** High immunity to vibration, shock, and oil contamination. #### B. Signal Processing (The "SA4" Logic) The internal circuitry includes an **ASIC (Application-Specific Integrated Circuit)** that performs: * **Interpolation:** Increasing the resolution of the raw magnetic sine/cosine waves. * **Error Correction:** Monitoring for signal loss or misalignment. * **Differential Drivers:** Utilizing RS-422 or similar protocols to ensure noise-free data transmission over long cables. #### C. Connector & Interface (R2/CE) * **R2:** Usually denotes a specific wiring configuration or a **2-meter radial cable** exit. * **CE:** Indicates compliance with European Safety Standards (Conformité Européenne), ensuring electromagnetic compatibility (EMC). --- ### 3. Wiring and Pinout Configuration While specific pinouts vary by manufacturer (such as Tamagawa or Mitsubishi compatible units), the typical electronic interface includes: | Wire Color (Common) | Function | Description | | :--- | :--- | :--- | | **Red** | Vcc | Main Power Supply (+5V or +12V) | | **Black** | GND | Ground / 0V | | **Blue/White** | Data+ / Data- | Serial communication lines | | **Green/Yellow** | Clock+ / Clock- | Synchronization signals for the controller | | **Shield** | FG | Frame Ground for noise reduction | --- ### 4. Common Applications * **Servo Motors:** Provides feedback for closed-loop speed and position control. * **Robotic Arms:** Tracks the precise angle of joints. * **Medical Equipment:** Used in high-precision imaging tables or scanners.
    ✨ Follow-up Questions
    • ⤷ What is the exact pulse count or resolution for the SA4 variant?
    • ⤷ Is this encoder compatible with Mitsubishi or Fanuc servo drives?
    • ⤷ How do I troubleshoot a 'Signal Error' on this specific model?