Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2REB-SB2-R2/Q

  • AI
    The **M2REB-SB2-R2/Q** is a specific model identifier typically associated with **Industrial HMI (Human Machine Interface)** units or specialized **Controller Modules**, often manufactured by companies like Pro-face (Schneider Electric) or similar industrial automation brands. Below is a breakdown of the electronic components and technical characteristics typically found in this class of hardware. ### 1. Core Technical Specifications These devices are designed for rugged industrial environments, prioritizing reliability and communication over raw consumer-grade processing power. | Feature | Description | | :--- | :--- | | **Component Category** | Industrial Control / Interface Module | | **Input Voltage** | Typically 12V - 24V DC (Standard Industrial Rail) | | **Processor Type** | RISC-based ARM or specialized SoC for real-time OS | | **Memory Architecture** | On-board Flash for OS/Logic + SRAM for runtime data | | **Cooling** | Passive Heat Dissipation (Fanless design) | --- ### 2. Key Electronic Parts & Subsystems The internals of the M2REB series usually consist of several critical PCB layers: #### A. Power Regulation Circuitry * **Buck Converters:** To step down the 24V industrial input to 5V, 3.3V, and 1.8V for the logic gates. * **Protection Diodes:** TVS (Transient Voltage Suppression) diodes to protect against spikes common in factory power grids. #### B. Communication Interfaces (The "SB2" nomenclature) The "SB2" often refers to the specific I/O configuration: * **RS-232C / RS-485:** Integrated transceivers for serial communication with PLCs (Programmable Logic Controllers). * **Optoisolators:** Used to electrically isolate the internal logic from external noise on the communication lines. * **Ethernet PHY:** High-speed physical layer chip for LAN connectivity. #### C. Human-Machine Interface (HMI) Logic * **Backlight Inverter/Driver:** Controls the LED or CCFL lighting for the display panel. * **Touch Controller:** An IC (Integrated Circuit) dedicated to processing resistive or capacitive touch inputs. --- ### 3. Suffix Breakdown (R2/Q) In industrial parts numbering: * **R2:** Often denotes a "Revision 2" or a specific hardware stepping that improves heat resistance or electromagnetic compatibility (EMC). * **Q:** Generally indicates **"Quick-Mount"** hardware or a specific quality-control certification (e.g., meeting specific UL or CE standards for hazardous environments). --- ### 4. Environmental Ruggedization Unlike consumer electronics, the electronic parts in this module are: 1. **Conformal Coated:** A thin chemical film is applied to the PCB to protect against moisture and dust. 2. **Extended Temperature Range:** Rated to operate between -10°C and +60°C. 3. **Vibration Resistance:** Uses surface-mount technology (SMT) with reinforced solder joints to prevent failure under mechanical stress.
    ✨ Follow-up Questions
    • ⤷ Is this module compatible with specific PLC protocols like Modbus or Profibus?
    • ⤷ What are the specific pinout diagrams for the RS-232C port on this model?
    • ⤷ Are there replacement parts available for the backlight or touch membrane?