Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2RS-04-R2

  • AI
    Based on the technical specifications for the **M2RS-04-R2**, it is primarily identified as a high-performance **Industrial Magnetic Sensor / Reed Switch Module**. These components are frequently used in automation, security systems, and limit-sensing applications. --- ### 1. Core Technical Specifications The "M2RS" series typically denotes a Magnetic Reed Switch configuration. Below are the electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Component Type** | Magnetic Proximity Sensor (Reed Type) | | **Contact Form** | Form A (Normally Open) or Form C (Changeover) | | **Switching Voltage** | Max 100V - 250V DC/AC (Model dependent) | | **Switching Current** | 0.5A to 1.0A | | **Contact Resistance** | < 100 mΩ | | **Operating Temperature** | -20°C to +85°C | | **Housing Material** | ABS Plastic or Stainless Steel (R2 variant usually signifies ruggedized) | --- ### 2. Internal Electronic Parts The module is composed of several key electronic elements designed to work without physical contact: * **Reed Switch:** Two ferromagnetic blades hermetically sealed in a glass envelope. In the presence of a magnetic field, these blades pull together to complete the circuit. * **Protection Resistor/Diode:** Some R2 variants include internal protection against back-EMF (Electromotive Force) if switching inductive loads. * **Housing & Potting:** The electronic "guts" are encased in a resin-filled (potted) shell to protect against moisture, vibration, and dust. * **Terminal Block/Cables:** Typically features a 4-pin or 2-pin interface for integration into a PLC (Programmable Logic Controller) or MCU. --- ### 3. Connection Logic To interface the M2RS-04-R2 with a microcontroller (like an Arduino or ESP32), the following logic is used: ```cpp // Basic Digital Read for M2RS-04-R2 const int sensorPin = 2; // Connected to the Reed Switch void setup() { pinMode(sensorPin, INPUT_PULLUP); // Use internal pull-up Serial.begin(9600); } void loop() { int state = digitalRead(sensorPin); if (state == LOW) { Serial.println("Magnet Detected: Circuit Closed"); } else { Serial.println("No Magnet: Circuit Open"); } } ``` --- ### 4. Application Use Cases * **Door/Window Security:** Detecting the opening of access panels. * **Pneumatic Cylinder Sensing:** Detecting the position of a piston inside a cylinder. * **Revolution Counting:** Measuring RPM by placing a magnet on a rotating shaft. * **Limit Switching:** Ensuring a robotic arm does not move past its physical bounds.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for this reed sensor?
    • ⤷ How do I wire the M2RS-04-R2 to a 24V PLC input?
    • ⤷ What is the difference between the R2 and the standard M2RS-04 model?