Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2RS-1E-R2

  • AI
    The **M2RS-1E-R2** is a high-performance **RS-232 to RS-422/485 isolated converter**. It is commonly used in industrial automation to extend communication distances and protect equipment from electrical surges and ground loops. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics of the device: | Feature | Specification | | :--- | :--- | | **Interface 1** | RS-232 (DB9 Female) | | **Interface 2** | RS-422 / RS-485 (Terminal Block) | | **Isolation Voltage** | 3000V DC (Optical Isolation) | | **Baud Rate** | 300 bps to 115.2 Kbps | | **Transmission Distance** | Up to 1.2 km (RS-422/485 side) | | **Surge Protection** | 600W per line | | **Power Input** | +9V to +24V DC External Power | --- ### 2. Core Electronic Components & Architecture The internal design of the M2RS-1E-R2 focuses on signal integrity and protection. #### A. Optical Isolation Layer The "1E" in the model often signifies the inclusion of **Optical Isolators**. These components convert electrical signals into light and back again. This prevents high-voltage spikes on the industrial (RS-485) side from traveling back and destroying the PC or PLC on the RS-232 side. #### B. Automatic Data Direction Control (ADDC) Unlike basic converters, this unit features intelligent circuitry that detects the presence of data. It automatically switches the RS-485 driver on and off. This eliminates the need for software-based "Request to Send" (RTS) flow control. #### C. DC/DC Converter To maintain true isolation, the device contains an internal isolated DC/DC converter. This ensures that the power grounds of the two interfaces are completely separated, preventing ground loop currents. --- ### 3. Pinout Configuration The device typically utilizes a 5-pin or 6-pin terminal block for the industrial side: | Pin Label | Signal Function | Description | | :--- | :--- | :--- | | **T/R+** | RS-485+ / Transmit+ | Positive data line for 485 or 422 | | **T/R-** | RS-485- / Transmit- | Negative data line for 485 or 422 | | **RXD+** | Receive+ | Used only for 4-wire RS-422 | | **RXD-** | Receive- | Used only for 4-wire RS-422 | | **GND** | Signal Ground | Reference ground for shielded cable | --- ### 4. Typical Applications * **PLC Programming:** Connecting a laptop (RS-232) to an industrial PLC network. * **SCADA Systems:** Long-distance data acquisition from sensors. * **Building Automation:** Interfacing with HVAC controllers and security panels.
    ✨ Follow-up Questions
    • ⤷ How do I configure the DIP switches for RS-485 2-wire vs RS-422 4-wire mode?
    • ⤷ What is the maximum number of nodes supported on the RS-485 bus for this model?
    • ⤷ Does this device require a specific driver to be installed on the PC?