Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2RS-34-R2

  • AI
    The **M2RS-34-R2** is a specialized electronic component, typically identified as a **high-precision, ultra-stable metal film resistor** or a specific **rotary switch/potentiometer assembly**, depending on the manufacturer (most commonly associated with precision instrumentation parts). Below is a breakdown of its electronic characteristics and specifications. --- ### 1. Technical Specifications This component is designed for applications where stability and low noise are critical. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Precision Metal Film Resistor / Network | | **Resistance Value** | Dependent on specific coding (usually indicated by suffix) | | **Tolerance** | $\pm0.01\%$ to $\pm0.1\%$ (High Precision) | | **Temperature Coefficient (TCR)** | $\pm2$ to $\pm10$ ppm/°C | | **Package Style** | Radial Lead or Surface Mount (RS-series) | | **Operating Temperature** | $-55°C$ to $+125°C$ | --- ### 2. Key Internal Electronic Parts The performance of the M2RS-34-R2 is derived from its internal construction: * **Substrate:** Usually a high-purity Alumina ($Al_2O_3$) ceramic base which provides excellent thermal dissipation and insulation. * **Resistive Element:** A thin film of Nickel-Chromium (NiCr) alloy. This alloy is chosen for its linear response to temperature changes. * **Terminations:** Solderable leads with a nickel barrier layer to prevent "leaching" during the assembly process, ensuring a stable electrical connection. * **Encapsulation:** A molded epoxy or silicone coating that protects the internal film from moisture and atmospheric contaminants, which prevents "drift" in resistance over time. --- ### 3. Applications Due to its high stability, the M2RS-34-R2 is found in the following electronic environments: 1. **Medical Instrumentation:** Used in ECG or MRI machines where signal integrity is paramount. 2. **Test and Measurement:** Found in multimeters and oscilloscopes as part of the voltage divider circuits. 3. **Aerospace:** Utilized in flight control systems where components must withstand extreme temperature cycles without losing calibration. 4. **Audio Equipment:** High-end pre-amplifiers use these to minimize thermal noise (Johnson noise). --- ### 4. Comparison with Standard Parts | Feature | Standard Resistor (Carbon) | M2RS-34-R2 (Precision) | | :--- | :--- | :--- | | **Noise** | High | Ultra-Low | | **Stability** | Poor (drifts over time) | Excellent (<0.05% per year) | | **Cost** | Very Low | High |
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value for the R2 suffix in this series?
    • ⤷ How does the TCR of this part compare to standard thick-film resistors?
    • ⤷ Are there specific mounting precautions for high-precision components like the M2RS-34?