Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2RS-4F-R/BL

  • AI
    The **M2RS-4F-R/BL** is a high-performance **Industrial Solid State Relay (SSR)** module, typically used in automated control systems and PLC (Programmable Logic Controller) interfacing. It is designed for high-frequency switching and long-term durability compared to traditional mechanical relays. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Output Type** | Relay Output (Contact) / SSR | | **Channels** | 4-Channel (Independent) | | **Input Voltage** | Typically 24V DC | | **Switching Voltage** | Up to 250V AC / 30V DC | | **Rated Current** | 5A per channel (variable by load type) | | **Mounting** | DIN Rail Mounting | | **Indicator** | Blue LED Status Indicators | --- ### 2. Core Electronic Components & Functions The module is comprised of several critical electronic sections that ensure safe and efficient operation: #### A. Input Circuit (Control Side) * **Optoisolators:** The input signal is electrically isolated from the output using an internal photocoupler. This protects the PLC or controller from surges on the high-voltage load side. * **LED Status Indicators (BL):** The "BL" in the suffix usually refers to the **Blue LED** indicators. These light up when the input signal is active, allowing for quick visual diagnostics. * **Polarity Protection:** Usually includes diodes to prevent damage if the input DC wiring is reversed. #### B. Switching Elements * **Electromechanical or Solid State Relays:** Depending on the specific sub-model, it uses high-quality miniature relays. These are responsible for opening and closing the circuit for the connected load. * **Contact Material:** Often uses Silver Alloy contacts to reduce electrical resistance and prevent "pitting" or welding during high-current switching. #### C. Protection Features * **Varistors (MOVs):** Integrated to absorb voltage spikes (transients) from inductive loads like motors or solenoids. * **Freewheeling Diodes:** Protects the internal switching transistors from back-EMF (Electromotive Force) when the coil is de-energized. --- ### 3. Connection Pinout Overview | Pin/Terminal | Function | Description | | :--- | :--- | :--- | | **IN 1-4** | Control Input | Receives 24V signal from the PLC | | **COM** | Common Input | Ground or Common Return for control signals | | **NO (Normally Open)** | Output Contact | Closes when the signal is received | | **C (Common Output)** | Load Return | The shared point for the output load | --- ### 4. Advantages of this Module 1. **Compact Design:** The slim 4-channel form factor saves significant space on the DIN rail inside electrical cabinets. 2. **Ease of Maintenance:** Many models feature "Plug-in" relays, allowing you to replace a single faulty relay without rewiring the entire terminal block. 3. **Visual Monitoring:** The Blue LED allows technicians to see at a glance which outputs are firing during debugging.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'SSR' versions of this module?
    • ⤷ Can this relay be used to control a 3-phase motor directly?
    • ⤷ How do I replace an individual relay unit on the M2RS-4F-R/BL?