Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2RS-5Z-R2

  • AI
    ## Technical Overview of M2RS-5Z-R2 The **M2RS-5Z-R2** is a specialized electronic component, typically identified as a **miniature interface relay** or a specific industrial control module (often associated with brands like Panasonic or specialized interface manufacturers). It is designed to act as a bridge between low-power control signals (from a PLC or microcontroller) and high-power loads. --- ### Core Specifications The following table outlines the typical electrical and mechanical characteristics of this component series: | Feature | Specification | | :--- | :--- | | **Component Type** | Electromechanical Relay / Interface Module | | **Contact Configuration** | 1 Form C (SPDT - Single Pole Double Throw) | | **Coil Voltage** | Typically 24V DC (Standard for R2 suffix) | | **Contact Rating** | 5A to 10A at 250V AC / 30V DC | | **Mounting Type** | PCB Mount or Socketable (DIN Rail) | | **Terminal Material** | Silver Alloy (often Gold-plated for low signals) | --- ### Key Electronic Components & Functions 1. **Electromagnetic Coil:** * The "Input" side. When the rated voltage (e.g., 24V) is applied, it creates a magnetic field. * **Internal Protection:** Often includes a freewheeling diode (flyback diode) to protect the driving circuit from voltage spikes when the coil is de-energized. 2. **Contact System (The Switch):** * **Common (COM):** The moving part of the switch. * **Normally Closed (NC):** The contact connected to COM when the coil is off. * **Normally Open (NO):** The contact that connects to COM only when the coil is energized. 3. **Mechanical Housing:** * Constructed from flame-retardant plastic (UL94V-0 rated). * Usually sealed (Wash-tight) to prevent flux or environmental contaminants from damaging the contacts. --- ### Application Circuit Example To use this part in a digital circuit, a transistor driver is typically required because a microcontroller pin cannot provide enough current for the coil. ```python # Conceptual logic for driving the M2RS-5Z-R2 if sensor_input == HIGH: set_gpio(RELAY_PIN, ON) # Energizes coil via Transistor/MOSFET # Load connected to NO (Normally Open) turns ON else: set_gpio(RELAY_PIN, OFF) # De-energizes coil # Load returns to NC (Normally Closed) state ``` --- ### Distinguishing Features * **The "R2" Designation:** Usually refers to a specific revision or a high-sensitivity coil version that consumes less power than standard models. * **Space Efficiency:** The "M2" prefix generally indicates a slim-profile design, allowing for high-density mounting on DIN rails or PCBs.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for this relay?
    • ⤷ Does the M2RS-5Z-R2 require an external snubber circuit for inductive loads?
    • ⤷ What is the physical footprint/dimensions for PCB layout?