Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2RS-5Z-R2/N

  • AI
    The **M2RS-5Z-R2/N** is a specific model of an **Industrial Interface Relay** or **Slim Relay**, commonly used in automation control panels for signal isolation and switching. Below is a detailed breakdown of its electronic components and specifications. --- ### 1. Technical Specifications Overview This relay is designed for high-density mounting on DIN rails, typically used to bridge the gap between a PLC (Programmable Logic Controller) and high-power actuators. | Feature | Specification Details | | :--- | :--- | | **Relay Type** | Electromechanical Interface Relay | | **Contact Form** | 1 Changeover (SPDT - Single Pole Double Throw) | | **Rated Voltage** | 24V DC (Standard for the R2/N series) | | **Switching Current** | Up to 6A (Typical for slim series) | | **Mounting Style** | 35mm DIN Rail | | **Indicator** | Built-in LED Status Indicator | | **Protection** | Built-in Free-wheeling Diode (for EMF protection) | --- ### 2. Core Electronic Components The device consists of three main functional blocks: #### A. The Coil (Input Side) * **Electromagnet:** When 24V DC is applied, current flows through a copper coil, creating a magnetic field. * **Protection Diode:** To prevent high-voltage spikes (back-EMF) from damaging the driving PLC output when the coil is turned off, a flyback diode is integrated across the coil terminals. * **LED Circuit:** A small resistor and LED are wired in parallel with the coil to provide visual feedback of the "Active" state. #### B. The Contacts (Output Side) * **Movable Armature:** A mechanical lever moved by the electromagnet. * **Contact Material:** Usually Silver Alloy (AgSnO2) for high conductivity and resistance to "welding" under electrical arcs. * **SPDT Configuration:** * **COM (Common)** * **NO (Normally Open):** Closes when the coil is energized. * **NC (Normally Closed):** Opens when the coil is energized. #### C. The Socket/Base * **Terminals:** Screw or Push-in terminals for wiring. * **Isolation Barrier:** High-quality plastic housing that ensures galvanic isolation between the low-voltage control side (input) and the high-voltage load side (output). --- ### 3. Key Features of the "R2/N" Variant * **Mechanical Actuator/Test Button:** Often, the "R" designation in these series indicates a manual test lever that allows technicians to simulate an "ON" state without electrical power. * **Polarity Protection:** The "N" usually signifies a specific pinout or polarity arrangement (Negative/Neutral commonality) designed for NPN or PNP logic compatibility. --- ### 4. Typical Applications 1. **Galvanic Isolation:** Protecting expensive PLC CPUs from power surges on the field side. 2. **Current Amplification:** Using a 10mA PLC output to drive a 5A motor starter or solenoid valve. 3. **Voltage Level Shifting:** Using a 24V DC signal to switch a 230V AC load.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for this relay model?
    • ⤷ Can this relay be used for switching inductive loads like motors?
    • ⤷ What are the differences between the screw terminal and push-in terminal versions of this series?