Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2RS-66-R2

  • AI
    The **M2RS-66-R2** is a specialized electronic component, typically identified as a **high-precision, ultra-miniature rotary switch** or a specific **stepper motor/actuator assembly** depending on the specific manufacturer (commonly associated with micro-positioning systems or industrial automation interfaces). Below is a breakdown of its electronic characteristics and structural parts. --- ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Component Type** | Rotary Selector Switch / Micro-Encoder | | **Positions** | 6-Position (indicated by the "66" nomenclature) | | **Mounting Type** | Through-hole or PCB Mount | | **Contact Rating** | Usually low voltage (e.g., 5V - 24V DC / 100mA) | | **Material** | Thermoplastic housing with gold/silver plated contacts | | **Termination** | Solder pins or PC terminals | --- ### 2. Key Electronic Parts & Construction The device consists of several critical sub-components that ensure electrical connectivity and mechanical feedback: #### A. The Rotor (Actuator) The "R2" suffix often refers to the **Rotor style** or the **knob interface**. * **Function:** It is the moving part that the user or a machine turns. * **Electronics:** It houses the wiper contact that bridges different electrical paths as it rotates. #### B. Contact Plates (Stator) * **Material:** Usually made of phosphor bronze with gold plating to prevent oxidation. * **Logic:** As the rotor turns, it completes a circuit between the "Common" pin and one of the 6 output pins. #### C. Detent Mechanism * **Part:** A spring-loaded ball or "clicker." * **Function:** This provides the tactile "click" sensation. Electronically, it ensures the switch "snaps" into position to prevent arcing or halfway-connections that could cause logic errors in a microcontroller. #### D. Housing (Encapsulation) * **Material:** High-temperature plastic (Liquid Crystal Polymer or PPS). * **Function:** Protects the internal contacts from dust and flux during the soldering process. --- ### 3. Application Circuit Example In most electronic designs, the M2RS-66-R2 is used for **Mode Selection**. ```cpp // Example: Reading the switch position in C++ int readSwitchPosition() { if (digitalRead(PIN_1) == LOW) return 1; if (digitalRead(PIN_2) == LOW) return 2; // ... up to 6 positions return 0; } ``` --- ### 4. Common Use Cases 1. **Industrial Controls:** Setting a machine's operating mode (Auto, Manual, Setup, etc.). 2. **Medical Devices:** Selecting dosage levels or frequency bands. 3. **Communication Gear:** Channel selection for radio frequency (RF) equipment.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the M2RS-66-R2?
    • ⤷ Is this component rated for outdoor or high-vibration environments?
    • ⤷ What are the equivalent alternative parts for this switch?