Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2RS-CG-R

  • AI
    The **M2RS-CG-R** is an industrial-grade, plug-in miniature relay typically manufactured by companies like **IDEK** or similar electrical component specialists. It is designed for control circuit applications, providing isolation and switching capabilities between low-power control signals and higher-power loads. --- ### ## Technical Specifications Below are the primary electronic and physical characteristics of the M2RS-CG-R: | Parameter | Specification | | :--- | :--- | | **Contact Type** | DPDT (2 Form C) | | **Contact Material** | Silver Alloy (often Gold-plated for low-level switching) | | **Rated Load (Resistive)** | 250V AC / 10A or 30V DC / 10A | | **Coil Voltage** | Typically 24V DC (Verify specific suffix for AC variants) | | **Mounting** | Plug-in (compatible with DIN rail sockets) | | **Indicator** | Built-in LED and Mechanical Indicator | | **Safety Features** | Integrated Diode (for DC models) or RC Circuit | --- ### ### Key Electronic Components & Features 1. **Electromagnetic Coil**: The core of the relay. When energized, it creates a magnetic field that pulls the armature to switch the contacts. The "CG" designation often refers to specific coil sensitivities or internal protection. 2. **Contact System (DPDT)**: "Double Pole Double Throw" means it can control two separate circuits simultaneously. Each pole has a Normally Open (NO) and Normally Closed (NC) contact. 3. **LED Indicator**: A green or red LED is integrated into the housing to provide visual confirmation that the coil is energized, simplifying troubleshooting in dense control panels. 4. **Mechanical Indicator/Check Button**: Includes a manual lever or button that allows technicians to manually trip the relay to test circuit continuity without energizing the coil. 5. **Suppression Diode**: The "R" suffix in many industrial relay series indicates a built-in **Surge Suppression** mechanism (like a flyback diode). This protects sensitive PLC outputs from back-EMF voltage spikes when the relay coil is de-energized. --- ### ### Typical Application Circuit When wiring the M2RS-CG-R, the following logic is generally applied: ```mermaid graph LR A[PLC Output 24VDC] --> B[Relay Coil Pin 13] B --> C[Relay Coil Pin 14] C --> D[Common/Ground] E[High Power Supply] --> F[Common Pin 9/12] F --> G[NO Pin 5/8] G --> H[Motor/Solenoid] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the M2RS and M2R models?
    • ⤷ Which DIN rail socket is compatible with the M2RS-CG-R?
    • ⤷ Does this model support AC control voltage or only DC?