Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2RS-CZ-R2SLASHQ

  • AI
    The **M2RS-CZ-R2/Q** is a high-performance, compact **Super-Mini Signal Conditioner (Isolator)** manufactured by **M-System**. It is designed to receive a DC input signal and provide an isolated DC output, typically used to prevent ground loops and protect sensitive control systems in industrial automation. --- ### 1. Key Technical Specifications The "R2" and "Q" designations in the part number refer to specific power and quality options. | Feature | Specification | | :--- | :--- | | **Input Signal (C)** | 4 – 20 mA DC | | **Output Signal (Z)** | Custom/Special Output (often specified at order) | | **Power Input (R2)** | 11 / 24 V DC | | **Isolation** | 3-Way (Input to Output to Power) | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Accuracy** | ±0.1% of span | | **Mounting** | DIN Rail or Surface Mount | --- ### 2. Internal Electronic Components & Construction The device consists of several critical electronic stages to ensure signal integrity: * **Input Stage:** Features a low-impedance shunt resistor to convert the 4-20mA current into a voltage signal. It includes surge protection (clamping diodes) to prevent damage from spikes. * **Isolation Barrier:** Uses an **Optical Coupler** or **Transformer Isolation**. This physically separates the input, output, and power circuits, preventing electrical noise from traveling from the field sensors to the PLC/DCS. * **Signal Processing:** An internal operational amplifier (Op-Amp) circuit conditions the signal. In the "M2" series, this is usually an analog-based circuit for high reliability and speed. * **Power Supply Module:** A DC-to-DC converter that steps down the 24V DC input and provides regulated, isolated power to both the input and output stages. * **Zero/Span Adjustments:** Accessible potentiometers on the front panel allow the user to fine-tune the calibration (usually ±5%). --- ### 3. Suffix "/Q" Meaning The **"/Q"** suffix indicates a "Quality" or "Special Specification" option. This usually implies: 1. **Special Inspection:** Includes specific test reports or certificates of conformance. 2. **Custom Calibration:** The device may be factory-calibrated to a non-standard range specified by the user. 3. **Coating:** Sometimes implies tropicalization or conformal coating for harsh environments. --- ### 4. Terminal Connections The M2RS series uses a plug-in base for easy maintenance. | Terminal No. | Function | | :--- | :--- | | **1 & 2** | Output (+) / (-) | | **4 & 5** | Input (+) / (-) | | **7 & 8** | Power Supply (+) / (-) | ---
    ✨ Follow-up Questions
    • What are the specific differences between the M2RS and the M2VS series?
    • How do I perform a field calibration on the M2RS-CZ-R2?
    • What is the dielectric strength rating for the 3-way isolation in this model?