Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2RT-34-R2/N

  • AI
    The **M2RT-34-R2/N** is a specialized electronic component, typically classified as a **high-precision resistor network** or a custom **R-2R Ladder network**, often used in digital-to-analog conversion (DAC) or precision voltage division applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Component Overview The "M2RT" series generally refers to high-stability thin-film resistor networks. These are designed for applications where ratio matching and temperature tracking are more critical than the absolute resistance value. ### Key Specifications Table | Feature | Typical Specification | Description | | :--- | :--- | :--- | | **Circuit Type** | R-2R Ladder / Network | Used for signal attenuation or DAC circuits. | | **Resistance Value** | 10kΩ to 100kΩ (Typical) | Depends on the specific "34" configuration. | | **Tolerance** | ±0.01% to ±0.1% | Extremely high precision for signal integrity. | | **TCR (Temp. Coeff.)** | ±2 ppm/°C to ±10 ppm/°C | Minimal drift across temperature changes. | | **Package Type** | DIP or SIP | Through-hole mounting for industrial/medical use. | | **Operating Temp** | -55°C to +125°C | Military/Industrial grade reliability. | --- ## 2. Part Number Breakdown While manufacturer codes vary slightly, the nomenclature usually follows this logic: * **M2RT:** Series identifier (Thin-film, high-precision resistor technology). * **34:** Specific internal configuration (number of resistors or pinout arrangement). * **R2:** Likely denotes the **R-2R ladder** configuration, which is a specific arrangement used to convert digital binary numbers into an analog output voltage. * **N:** Tolerance or Package code (often indicating a specific lead-free finish or a specific precision grade). --- ## 3. Electronic Functions The M2RT-34-R2/N performs several critical roles in a circuit: ### A. Voltage Division It provides highly accurate voltage taps. Because the resistors are on the same substrate, they age at the same rate and react to temperature identically, maintaining a perfect ratio. ### B. Digital-to-Analog Conversion (DAC) In an R-2R configuration, the network allows a microcontroller to create an analog voltage by switching specific pins high or low. ### C. Signal Conditioning Used in instrumentation amplifiers where common-mode rejection (CMRR) depends heavily on the matching of resistor pairs. --- ## 4. Typical Applications 1. **Industrial Process Control:** Precise sensor signal scaling. 2. **Medical Instrumentation:** Low-noise, high-accuracy measurement tools. 3. **Aerospace:** Systems requiring high reliability and low thermal drift. 4. **Audio Equipment:** High-end volume control and signal routing. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an R-2R ladder and a standard voltage divider network?
    • ⤷ How does the TCR (Temperature Coefficient of Resistance) affect the performance of this part?
    • ⤷ Are there Surface Mount (SMD) equivalents for the M2RT series?