AI

The **M2RT-55-R2/CE** is a high-precision, industrial-grade temperature transmitter/converter, typically part of the M2 series manufactured by companies like **M-System**. It is designed to convert signals from a Resistance Temperature Detector (RTD) into a standard DC output signal.
---
### 1. Core Technical Specifications
The "R2" designation often refers to the power input and output configuration, while the "CE" indicates compliance with European safety and electromagnetic standards.
| Feature | Specification |
| :--- | :--- |
| **Input Type** | 2 or 3-wire RTD (e.g., Pt 100, Pt 50, JPt 100) |
| **Output Signal** | 4 – 20 mA DC (Standard Loop) |
| **Power Input** | 24V DC (typical for R2 suffix) |
| **Isolation** | 3-way isolation (Input to Output to Power) |
| **Accuracy** | ±0.1% of span |
| **Mounting** | DIN rail mounting |
---
### 2. Key Electronic Components & Design
The internal circuitry is engineered for stability in electrically noisy industrial environments.
* **Signal Conditioning Front-End:**
Contains a constant current source to excite the RTD. It includes linearization circuitry to compensate for the non-linear resistance-temperature curve of platinum sensors.
* **Galvanic Isolation:**
Uses optical or magnetic isolators to separate the input, output, and power circuits. This prevents ground loops and protects the control system from high-voltage surges on the sensor side.
* **Burnout Protection:**
The electronics include a "Burnout" feature. If the RTD wire snaps, the output will automatically go to a pre-set state (Upper limit $\geq$ 20.8 mA or Lower limit $\leq$ 3.8 mA) to alert the PLC/DCS of a sensor failure.
* **Zero and Span Adjustments:**
Located on the front panel, these potentiometers allow for fine-tuning the electronic calibration without removing the unit from the rail.
---
### 3. Connection Diagram Logic
The device typically uses a plug-in base for easy maintenance.
```text
Terminal Function
----------------------
1 - 2 Output (+) / (-)
4 - 5 Power Input (24V DC)
11-12-13 RTD Input (A, B, b)
```
---
### 4. CE Compliance Features
The **CE** mark ensures the internal electronic parts meet specific requirements:
* **EN 61000-6-4:** Electromagnetic emissions (Industrial).
* **EN 61000-6-2:** Electromagnetic immunity (Industrial).
* **Low Voltage Directive:** Ensures the internal insulation distances are safe for human operators.
- ⤷
How do you calibrate the Zero and Span on this specific model?
- ⤷ What is the difference between the R2 and other power suffixes like M2?
- ⤷ Can this unit support 4-wire RTD configurations?