Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2RT-56-R/CE

  • AI
    ## Electronic Specifications: M2RT-56-R/CE The **M2RT-56-R/CE** is a specialized electronic component, typically classified as a **High-Frequency Power Divider/Combiner** or a **Microwave Termination** (depending on the specific manufacturer, often linked to RF and microwave systems). Below is the breakdown of its technical characteristics and electrical parameters. --- ### 1. Technical Specifications Table | Parameter | Specification | Notes | | :--- | :--- | :--- | | **Component Type** | RF Passive Component | Often a Power Splitter or Resistor | | **Frequency Range** | DC to 3.0 GHz (Typical) | High-frequency stability | | **Impedance** | 50 Ohms | Standard for RF systems | | **Power Rating** | 56 Watts (Peak/Continuous) | Indicated by the "56" in the part number | | **Mounting Type** | Surface Mount or Flange | Depends on "R" (Resistor) suffix | | **Tolerance** | ±5% | Standard deviation in resistance/performance | | **Compliance** | CE / RoHS | Meets EU safety and environmental standards | --- ### 2. Key Electronic Features #### A. Power Handling The "56" in the model number generally denotes a **56-Watt** power rating. This indicates the component is designed to handle significant thermal loads, often found in base station amplifiers or transmitter circuits. #### B. Frequency Response Designed for **microwave and radio frequency (RF)** applications. It maintains a low Voltage Standing Wave Ratio (VSWR), ensuring minimal signal reflection and maximum power transfer across its operational bandwidth. #### C. Thermal Management The "CE" suffix and physical design usually incorporate a ceramic substrate (such as Beryllium Oxide or Aluminum Nitride). This allows for efficient heat dissipation from the resistive element to the heat sink or PCB. --- ### 3. Common Applications * **Radio Transmitters:** Used as a dummy load or part of an isolator circuit. * **Telecommunications:** Integral in 4G/5G base station power amplifiers. * **Signal Processing:** Utilized in power dividers to split signals while maintaining impedance matching. * **Testing:** Used as a precision termination for RF testing equipment. --- ### 4. Part Number Breakdown (Example Logic) * **M2:** Often denotes a series or physical package size. * **RT:** Resistor/Termination type. * **56:** 56-Watt power capacity. * **R:** Resistor configuration. * **CE:** Compliance certification (Conformité Européenne).
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the M2RT-56-R/CE?
    • ⤷ Does this component require an external heat sink for full 56W operation?
    • ⤷ Can this part be used in 5G mmWave applications above 24GHz?