M2RTS-R-CB-R2/Q
AI

The part number **M2RTS-R-CB-R2/Q** refers to a high-precision **RTD (Resistance Temperature Detector) Transmitter** from the M2-Series, typically manufactured by **M-System** (now MG CO., LTD).
This device is designed to convert signals from a temperature sensor (RTD) into a standard industrial DC signal.
---
## 1. Part Number Breakdown
The suffixing in the model number defines the specific electronic hardware configuration:
| Code Segment | Description | Specific Detail |
| :--- | :--- | :--- |
| **M2RTS** | Base Model | RTD Transmitter (Plug-in base) |
| **-R** | Input Type | RTD Input (Standard Pt 100 or JPt 100) |
| **-C** | Output Signal | 4 to 20 mA DC |
| **-B** | Power Input | 100V AC |
| **-R2** | Option Code | High-speed response / Special Accuracy |
| **-Q** | Special Suffix | Conformal coating or specific quality labeling |
---
## 2. Key Electronic Specifications
The internal circuitry is designed for industrial signal conditioning, featuring high isolation and signal linearization.
### Input Characteristics
* **Sensor Compatibility:** Pt 100 (IEC), JPt 100 (JIS).
* **Wiring:** 3-wire system.
* **Burnout Protection:** Upscale (standard) or Downscale (optional).
### Output & Performance
* **Output Signal:** 4 – 20 mA DC (Load resistance max 600Ω).
* **Accuracy:** ±0.1% of span.
* **Isolation:** 2000V AC (Input to output to power to ground).
* **Response Time:** Approx. 0.5 seconds (standard) or faster depending on the `R2` variation.
---
## 3. Physical & Wiring Configuration
The unit uses a **10-pin base** for plug-in installation, allowing for maintenance without disconnecting wires from the base.
### Typical Wiring Diagram
```text
[RTD SENSOR] [M2RTS UNIT] [PLC / RECEIVER]
Term A -----------> Pin 1 (Input +)
Term B -----------> Pin 2 (Input -)
Term B' -----------> Pin 3 (Sense)
Pin 4 (Output +) --------> (+) 4-20mA
Pin 5 (Output -) --------> (-) 4-20mA
Pin 7 (Power L) --------> 100V AC
Pin 8 (Power N) --------> 100V AC
```
---
## 4. Electronic Features
* **Linearization Circuit:** Since RTD resistance changes are not perfectly linear with temperature, the electronic module includes a linearization circuit to ensure the 4-20mA output is proportional to the temperature, not just the ohms.
* **Zero/Span Adjustment:** Accessible from the front panel for field calibration.
* **High Dielectric Strength:** The unit utilizes optoisolators to prevent electrical noise from the field (sensor side) from damaging the control system (PLC side).
---
- ⤷
What is the specific meaning of the '/Q' suffix regarding environmental protection?
- ⤷ Can this transmitter be used with 2-wire RTDs?
- ⤷ What are the calibration steps for the Zero and Span adjustments on this model?