Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2RTS-S-2A-R

  • AI
    The **M2RTS-S-2A-R** is a specific model of a **Miniature Latching Relay**, typically used in telecommunications, automation, and signal switching applications. It is designed for high reliability and low power consumption. ### 1. Key Technical Specifications Below are the primary electronic characteristics of this component: | Feature | Specification | | :--- | :--- | | **Contact Form** | 2 Form C (DPDT - Double Pole Double Throw) | | **Switching Type** | Latching (Bi-stable) | | **Contact Rating** | 2A @ 30VDC / 0.5A @ 125VAC | | **Max Switching Power** | 60W / 62.5VA | | **Coil Resistance** | Varies by voltage (e.g., ~167Ω for 5V, ~1.5kΩ for 12V) | | **Mechanical Life** | 100,000,000 operations | --- ### 2. Functional Breakdown #### Latching Mechanism Unlike standard relays that require constant current to remain "On," the **M2RTS** is a **latching relay**. It uses a permanent magnet to hold the armature in position. * **Set:** A short pulse of current moves the contacts to one state. * **Reset:** A reverse pulse (or a pulse to a second coil) moves them back. * **Benefit:** Zero power consumption once the state is switched, making it ideal for battery-powered devices. #### Contact Material These relays often utilize **Gold-clad Silver** contacts. The gold plating ensures low contact resistance and prevents oxidation, which is critical for low-level signal switching (Dry Circuitry). #### DPDT Configuration (2 Form C) The "2A" in the part number signifies two sets of changeover contacts. This allows the relay to control two independent circuits simultaneously or reverse the polarity of a single DC motor/signal. --- ### 3. Pinout and Circuit Application The device is usually housed in a **DIP (Dual In-line Package)**, making it compatible with standard PCB layouts and breadboards. ```c // Typical Logic for Driving a Latching Relay with an H-Bridge void switchRelay(bool state) { if (state == SET) { digitalWrite(PIN_A, HIGH); digitalWrite(PIN_B, LOW); delay(10); // Minimum pulse width digitalWrite(PIN_A, LOW); } else { digitalWrite(PIN_A, LOW); digitalWrite(PIN_B, HIGH); delay(10); digitalWrite(PIN_B, LOW); } } ``` --- ### 4. Typical Applications * **Telecommunications:** Routing voice and data signals. * **Test Equipment:** Switching between different measurement probes. * **Consumer Electronics:** Power management where energy efficiency is paramount. * **Security Systems:** Maintaining alarm states even during power fluctuations.
    ✨ Follow-up Questions
    • ⤷What is the difference between a single-coil and dual-coil latching relay?
    • ⤷ What are the specific coil voltage options for the M2RTS series?
    • ⤷ How does contact resistance change over the mechanical life of this relay?