M2RTS-S-B3-R2
AI

Based on the technical specifications for the **M2RTS-S-B3-R2**, this model belongs to the **M2 Series** of transducer/signal conditioners manufactured by **M-System**. It is a compact, plug-in RTD (Resistance Temperature Detector) transmitter.
---
## 1. Component Identification
The model number breaks down into the following electronic specifications:
| Code Segment | Description | Specific Detail |
| :--- | :--- | :--- |
| **M2RTS** | Model Name | RTD Transmitter (Plug-in) |
| **S** | Input Signal | Platinum RTD (Pt 100) |
| **B3** | Output Signal | 1 – 5V DC |
| **R2** | Power Input | 11 – 27V DC |
---
## 2. Technical Electronic Characteristics
### Input Section
* **Sensor Type:** Designed specifically for **Pt 100** (platinum) resistance temperature detectors.
* **Wiring:** Supports a 3-wire configuration to compensate for lead-wire resistance.
* **Burnout Protection:** Usually includes an upscale or downscale burnout function to protect the system if a wire breaks.
### Output Section
* **Type:** Analog Voltage.
* **Range:** 1 to 5 Volts DC.
* **Load Resistance:** Minimum 2500 Ω required for stable output.
### Power Supply & Isolation
* **Supply Voltage:** 11 to 27V DC (Ripple 10% p-p max).
* **Isolation Structure:** 3-way isolation. This electronically separates the **Input**, **Output**, and **Power** circuits from each other, preventing ground loops and protecting sensitive equipment.
* **Isolation Strength:** Typically rated for 2000V AC @ 1 minute.
---
## 3. Physical & Installation Features
* **Housing:** Compact plug-in style.
* **Terminal Base:** Uses a socket base for easy maintenance (allows replacing the electronics without disconnecting wires).
* **Adjustments:** Contains front-accessible "Zero" and "Span" potentiometers for fine-tuning the electronic calibration.
---
## 4. Wiring Diagram (Logical Representation)
```text
[POWER: 11-27V DC] ----> [Terminals 7(+) & 8(-)]
[INPUT: Pt 100] ----> [Terminals 1, 2, & 3]
[OUTPUT: 1-5V DC] ----> [Terminals 5(+) & 6(-)]
```
- ⤷
What are the temperature range limits for the Pt 100 input on this model?
- ⤷ How do I calibrate the Zero and Span settings on an M2RTS?
- ⤷ What is the difference between the R2 and M2 power options for this series?