Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2SBS-112-R

  • AI
    The **M2SBS-112-R** is a specific electromechanical component, typically identified as a **Miniature Intermediate Power Relay** (often associated with manufacturers like Song Chuan or similar industrial relay providers). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. General Overview The M2SBS-112-R is a PCB-mount relay designed for high-density mounting. It is used to control a high-power circuit with a low-power signal, providing galvanic isolation between the control logic and the load. ### 2. Technical Specifications The part number can be decoded to understand its specific electronic behavior: | Parameter | Specification | Description | |:---|:---|:---| | **Coil Voltage** | 12V DC | The "112" indicates a nominal 12V DC operation. | | **Contact Form** | SPDT (1 Form C) | "S" typically denotes a Single Pole Double Throw configuration. | | **Contact Rating** | 5A to 10A | Rated for switching standard AC/DC loads (check specific datasheet for max). | | **Coil Power** | ~200mW - 450mW | High sensitivity coil to minimize power consumption. | | **Mounting Type** | Through-Hole (PCB) | Designed to be soldered directly onto a Printed Circuit Board. | | **Sealing** | Flux Tight / Sealed | The "R" often denotes a RoHS compliant or specific wash-tight version. | --- ### 3. Key Electronic Components & Construction The internal structure consists of several critical electronic and mechanical parts: * **The Coil:** A copper wire winding around a core. When 12V is applied, it creates a magnetic field. * **The Armature:** A moving lever that responds to the magnetic field to open or close the contacts. * **Contacts:** Usually made of **Silver Alloy** (AgSnO2 or AgNi) to resist "arcing" and welding during high-current switching. * **Damping Spring:** Ensures the contacts return to their original state once power is removed from the coil. ### 4. Application Circuit Diagram (Typical) When using this relay in a circuit, electronic protection is required to prevent damage to the driving microcontroller. ```cpp // Typical Schematic Logic: [MCU Pin] ---> [Resistor] ---> [NPN Transistor Base] | [Relay Coil] <--- [Flyback Diode (1N4148)] | [Ground] ``` *Note: The **Flyback Diode** is essential to dissipate the inductive voltage spike when the relay is turned off.* --- ### 5. Common Use Cases * **Smart Home Appliances:** Controlling heaters, fans, or lights. * **Industrial Automation:** Acting as an interface between PLC outputs and motors. * **HVAC Systems:** Switching compressors or valves. * **Automotive Electronics:** Powering auxiliary 12V accessories.
    ✨ Follow-up Questions
    • ⤷What is the maximum switching voltage for the M2SBS-112-R?
    • ⤷ How does the 'R' suffix specifically affect the manufacturing standards?
    • ⤷ What is the coil resistance for the 12V version of this relay?