Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2SBS-214-R2SLASHQ

  • AI
    The **M2SBS-214-R2/Q** is a high-performance, industrial-grade **Single Board Server (SBS)** or high-end embedded motherboard, typically designed for network appliances, storage servers, or edge computing applications. Below is a breakdown of the electronic components and specifications typically associated with this hardware revision. --- ### 1. Key Technical Specifications | Component | Description | | :--- | :--- | | **Form Factor** | Proprietary / Half-width server blade or specialized ATX variant. | | **Processor Support** | Designed for **Intel Xeon Scalable Processors** (LGA 3647 or similar generation). | | **Memory Slots** | Multiple DDR4 DIMM slots supporting ECC (Error Correction Code) Registered RAM. | | **Storage Interface** | NVMe (M.2 slots) and high-speed SATA/SAS connectivity. | | **Networking** | Integrated 10GbE (SFP+) or Quad 1GbE ports depending on the daughtercard config. | --- ### 2. Detailed Component Breakdown #### A. Core Processing Power This board is engineered for heavy multi-threaded workloads. It utilizes high-phase count **Voltage Regulator Modules (VRMs)** located near the CPU socket to ensure stable power delivery even under maximum load. #### B. Storage & Expansion * **M.2 Slots:** Features M-Key slots for high-speed NVMe SSDs, essential for fast OS booting and caching. * **PCIe Lanes:** Utilizes the CPU's native PCIe lanes for high-bandwidth communication with RAID controllers or FPGA accelerators. #### C. Management & Control (IPMI) Like most enterprise-grade boards, it includes a **Baseboard Management Controller (BMC)**—usually an ASPEED chip. * **Function:** Allows for remote power cycling, KVM over IP, and hardware health monitoring (fan speeds, temperatures, voltages). * **Dedicated LAN:** Usually features a dedicated RJ45 port for out-of-band management. #### D. Power Architecture * **Input:** Requires standard 24-pin/8-pin EPS power or a specialized DC-to-DC distribution board connector. * **Protection:** Integrated Solid Capacitors and high-permeability ferrite core inductors for heat resistance in 24/7 operating environments. --- ### 3. Usage Scenarios 1. **Network Security:** Running Firewalls (pfsense), IDS/IPS, or VPN aggregators. 2. **Edge AI:** Acting as a gateway for processing data from IoT sensors before sending it to the cloud. 3. **Storage Nodes:** Serving as the controller for a JBOD (Just a Bunch Of Disks) array.
    ✨ Follow-up Questions
    • ⤷ What are the specific CPU socket type and TDP limits for this board?
    • ⤷ Does the M2SBS-214-R2 support hardware-level RAID configurations?
    • ⤷ Which specific BMC firmware (e.g.
    • ⤷ AMI or OpenBMC) does this model use?