Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2SBS-411-R2/N

  • AI
    The **M2SBS-411-R2/N** is a specialized industrial-grade **Solid State Relay (SSR)** or control module, typically associated with temperature control systems or heater management in industrial automation. Below is a breakdown of the electronic components and technical specifications associated with this type of device. --- ### 1. General Specifications The part number indicates a specific configuration for power handling and control signals. | Feature | Specification (Typical) | | :--- | :--- | | **Device Type** | Solid State Relay (SSR) / Power Controller | | **Control Voltage** | 4-32V DC (Typical for "R2" logic) | | **Load Voltage** | 100 - 240V AC (Standard Industrial Range) | | **Current Rating** | 10A to 40A (Varies by thermal management) | | **Switching Type** | Zero-Cross Switching (Reduces EMI) | --- ### 2. Internal Electronic Parts The module consists of several critical internal stages to ensure isolation and power regulation: #### A. Input Stage (Control Side) * **Optoisolator:** Provides electrical isolation between the low-voltage control signal (PLC/Microcontroller) and the high-voltage AC load. This protects the control electronics from power surges. * **Current Limiting Resistor:** Ensures the internal LED of the optocoupler operates within safe current limits. #### B. Trigger Circuit * **Zero-Cross Detector:** A circuit that ensures the device only switches "ON" when the AC sine wave is at the 0V mark. This prevents massive inrush currents and electromagnetic interference (EMI). * **Snubber Circuit:** Consists of a resistor and capacitor (RC) in parallel with the output to prevent "dV/dt" false triggering caused by inductive loads. #### C. Output Stage (Power Side) * **TRIAC or Back-to-Back Thyristors (SCRs):** These are the heavy-duty semiconductors that handle the actual AC current. * **Heat Sink Interface:** The baseplate is usually made of aluminum or copper to transfer heat away from the semiconductors to an external cooling fin. --- ### 3. Connection Pinout While exact labeling depends on the manufacturer (often associated with brands like *SMC* or *Celduc* in specific OEM roles), the standard configuration is: 1. **Terminals 1 & 2:** AC Load connection (Switching path). 2. **Terminals 3 & 4:** DC Control Input (Polarity sensitive: + and -). --- ### 4. Application Use Cases * **Heater Control:** Precise PID temperature control in plastic injection molding. * **Motor Switching:** Starting/Stopping small single-phase AC motors. * **Lighting Systems:** Controlling large banks of industrial incandescent or LED lighting. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the M2SBS-411-R2/N?
    • ⤷ Does this model support Phase Angle Control or only Zero-Cross switching?
    • ⤷ What are the mounting requirements for heat dissipation for this part?