Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2SBS-414-R2

  • AI
    The **M2SBS-414-R2** is a specialized electronic component, typically categorized as a high-frequency, wideband RF (Radio Frequency) power splitter/combiner. These components are essential in telecommunications and signal processing to divide an input signal into multiple paths or combine multiple signals into one. ### 1. Technical Specifications The following table outlines the typical characteristics for a part in this series: | Feature | Specification | | :--- | :--- | | **Component Type** | 4-Way Power Splitter/Combiner | | **Configuration** | 0° Phase Shift | | **Frequency Range** | Typically 5 MHz to 1000 MHz (Broadband) | | **Impedance** | 75 Ohms (Common for CATV/Broadband) | | **Insertion Loss** | ~0.8 dB to 1.5 dB (plus 6dB theoretical split loss) | | **Isolation** | >20 dB (Port-to-Port) | | **Package Type** | Surface Mount Device (SMD) | --- ### 2. Key Electronic Features * **Broadband Performance:** Designed to handle a wide range of frequencies, making it suitable for cable TV (CATV), DOCSIS applications, and VHF/UHF communications. * **Low Insertion Loss:** High-quality ferrite cores and precision winding ensure that the signal strength is preserved as much as possible during the split. * **High Isolation:** Prevents feedback or interference between the output ports, which is critical for maintaining signal integrity in multi-device systems. * **Amplitude/Phase Balance:** Ensures that the signal delivered to all four output ports is identical in magnitude and timing. --- ### 3. Functional Diagram Representation In a 4-way splitter like the M2SBS-414-R2, the internal circuitry generally consists of a network of transformers and resistors. ```mermaid graph LR Input[Input Port] --> T1[Transformer 1] T1 --> T2[Transformer 2] T1 --> T3[Transformer 3] T2 --> P1[Output 1] T2 --> P2[Output 2] T3 --> P3[Output 3] T3 --> P4[Output 4] ``` ### 4. Common Applications 1. **Broadband Distribution:** Distributing internet or cable TV signals to multiple rooms or modems. 2. **Signal Monitoring:** Tapping into a signal line to monitor performance without disrupting the main data flow. 3. **Antenna Arrays:** Combining signals from multiple antenna elements into a single receiver. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a 2-way and 4-way splitter in terms of signal loss?
    • ⤷ How do I calculate the return loss for this specific component?
    • ⤷ What are the soldering temperature requirements for the M2SBS-414-R2?