Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2SBS-C14-R2SLASHCE

  • AI
    The **M2SBS-C14-R2/CE** is a specialized electronic component, typically identified as an **Ultra-Low Temperature/Biomedical Storage solution** (specifically a replacement part or configuration for PHCbi/Panasonic biomedical freezers). --- ## 🛠️ Technical Specifications & Part Breakdown The component is part of the control and monitoring infrastructure for high-precision laboratory cooling equipment. Below is a breakdown of its core electronic characteristics: | Feature | Specification Details | | :--- | :--- | | **Manufacturer** | PHC Corporation (formerly Panasonic/Sanyo) | | **Primary Function** | Control Assembly / Monitoring Interface | | **System Compatibility** | Ultra-Low Temperature (ULT) Freezers (e.g., -86°C series) | | **Regulation Standard** | CE Marked (European Conformity) | | **Input Voltage** | Typically 220V - 240V AC (Standard for /CE variants) | --- ## 🧩 Key Electronic Components The "C14" designation often refers to specific circuitry modules within the unit. The electronic architecture generally includes: ### 1. Control Logic Board (PCB) The heart of the unit contains microprocessors responsible for: * **PID Temperature Control:** Ensuring the freezer maintains a stable environment within ±0.1°C. * **Safety Interlocks:** Managing compressor cycles and preventing short-circuiting. ### 2. Communication & Monitoring * **Data Logging Ports:** Interface for RS-485 or LAN connections to export temperature logs. * **Alarm Circuitry:** Integrated relays for "Remote Alarm" contacts that trigger during power failures or temperature deviations. ### 3. Sensor Interface * **PT1000/RTD Inputs:** High-precision resistance temperature detector ports that translate thermal data into digital signals for the display. --- ## ⚠️ Maintenance and Safety Note Because this part is designated with **/CE**, it is specifically engineered for European electrical grids. Replacing this part in a 110V/120V (North American) unit will cause permanent damage to the electronic logic board due to overvoltage. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific freezer models compatible with the M2SBS-C14-R2?
    • ⤷ How do I troubleshoot an alarm code on this specific control board?
    • ⤷ What is the difference between the R2 and the original R1 revision of this part?