M2SES-1B2-R
AI

The **M2SES-1B2-R** is a specific electronic component within the category of **Ethernet Connector Modules**, specifically a MagJack (Integrated Connector Module). It combines a standard RJ45 connector with internal magnetic components required for Ethernet networking.
---
## 1. Core Specifications
The following table outlines the primary technical characteristics of the M2SES-1B2-R:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | RJ45 MagJack (Integrated Connector Module) |
| **Data Rate** | 10/100 Base-T (Fast Ethernet) |
| **Configuration** | Single Port (1x1), Tab-Up |
| **Shielding** | Metal Shield with EMI fingers |
| **Mounting Type** | Through-Hole (THT) |
| **LED Indicators** | Usually features Bi-color or single color LEDs (Green/Yellow) |
---
## 2. Internal Electronic Components
The "MagJack" design means several electronic parts are miniaturized and placed inside the metal housing of the RJ45 jack:
### A. Isolation Transformers
* **Purpose:** To provide galvanic isolation (usually up to 1500Vrms) between the PHY (Physical Layer) chip and the Ethernet cable.
* **Function:** It protects the delicate circuitry of the motherboard from static electricity (ESD) or voltage spikes on the network line.
### B. Common Mode Chokes
* **Purpose:** Noise suppression.
* **Function:** These coils filter out electromagnetic interference (EMI) so that the data signals remain clean and compliant with FCC/CE emissions standards.
### C. Termination Resistors (Bob Smith Termination)
* **Purpose:** Impedance matching.
* **Function:** These resistors (typically 75 ohms) help match the impedance of the twisted-pair cable to prevent signal reflections that cause data errors.
### D. Integrated LEDs
* **Function:** Visual feedback for Link status (connected) and Activity (data transfer). These are connected directly to the status pins of the Ethernet Controller.
---
## 3. Physical Layout and Pinout
* **Mechanical Shielding:** The outer metal casing is grounded to the PCB to prevent the connector from acting like an antenna for radio frequency interference.
* **Footprint:** It uses a standard footprint for 10/100 modules, but the "Tab-Up" orientation means the locking clip of the RJ45 cable will be facing the top of the board.
---
## 4. Typical Application Circuit
When integrating this part, it sits between the **Ethernet PHY chip** and the **External World**.
1. **Input Side:** Connects to the TX/RX differential pairs of the processor or Ethernet controller.
2. **Output Side:** The RJ45 interface where the Cat5/Cat6 cable is plugged in.
- ⤷
What is the pinout diagram for the M2SES-1B2-R?
- ⤷ Can this module be used for Gigabit Ethernet applications?
- ⤷ What are the specific LED colors and their forward voltage requirements for this model?