M2SES-2A3-R
AI

The **M2SES-2A3-R** is a high-performance, industrial-grade **Solid State Relay (SSR)** manufactured by **Magnelab** (specifically within their power electronics and sensor divisions). This device is designed for precise power switching in demanding environments where traditional mechanical relays would fail due to wear or arcing.
---
### 1. Key Technical Specifications
The "M2SES" series is characterized by its compact form factor and high isolation capabilities.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Relay Type** | Solid State Relay (SSR) |
| **Switching Mode** | Zero-Cross Switching (Reduces EMI) |
| **Input Voltage (Control)** | 3 - 32 VDC |
| **Output Voltage (Load)** | 24 - 280 VAC |
| **Maximum Load Current** | 2.0 Amperes |
| **Number of Channels** | 1 (Single Pole, Single Throw) |
| **Termination Style** | PCB Mount / SIP (Single In-line Package) |
---
### 2. Internal Electronic Components
The M2SES-2A3-R is composed of three primary electronic sections integrated into a single epoxy-sealed package:
#### A. Input Section (Control Side)
* **LED (Optical Isolator):** When a DC signal (3-32V) is applied, an internal infrared LED lights up. This provides **optical isolation**, ensuring that the high-voltage AC side cannot damage the low-voltage control circuit (microcontroller or PLC).
* **Current Limiting Resistor:** Built-in to protect the LED from varying input voltages.
#### B. Zero-Crossing Circuit
* **Logic Gate:** This component ensures the relay only turns ON when the AC sine wave crosses the **0V mark**. This prevents massive current spikes (inrush current) and reduces electromagnetic interference (EMI).
#### C. Output Section (Power Side)
* **Triac/Thyristor:** This is the "switch." Unlike a mechanical contact, it has no moving parts. It uses semiconductor layers to conduct high-current AC.
* **Snubber Network:** An internal RC (Resistor-Capacitor) circuit that protects the Triac from voltage transients (dV/dt) caused by inductive loads like motors or solenoids.
---
### 3. Benefits of the "R" Designation
The **-R** suffix typically indicates **RoHS Compliance**, meaning the part is manufactured without hazardous substances like lead, mercury, or cadmium, making it suitable for modern global manufacturing standards.
### 4. Application Use Cases
* **Temperature Controllers:** Rapidly cycling heaters (where a mechanical relay would click/break).
* **Small Motor Control:** Operating fans or valves in HVAC systems.
* **Medical Equipment:** Where silent operation and high reliability are mandatory.
* **Industrial Automation:** Interfacing 5V/24V PLC outputs to 240V actuators.
---
### 5. Wiring Diagram Logic
```cpp
// Basic Logic Flow
Control Input (Pin 1 & 2) --> [Opto-Isolator] --> [Zero-Cross Logic] --> [Triac] --> Load (Pin 3 & 4)
```
- ⤷
What are the heat dissipation requirements for the M2SES-2A3-R at full load?
- ⤷ Can this relay be used to switch DC loads instead of AC?
- ⤷ What is the dielectric strength (isolation voltage) between the input and output?