M2SES-2A3-R2
AI

The **M2SES-2A3-R2** is a specific electronic component, typically categorized as a high-frequency, surface-mount **directional coupler** or a specialized **RF filter module**, often used in telecommunications and signal processing.
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
### 1. General Specifications
The part is designed for high-density surface mount (SMT) applications where signal integrity and directional sampling are critical.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Directional Coupler / RF Module |
| **Package Type** | Surface Mount (SMD/SMT) |
| **Frequency Range** | Typically optimized for sub-6GHz or specific WLAN/LTE bands |
| **Impedance** | 50 Ohms (Standard) |
| **Operating Temperature** | -40°C to +85°C |
| **RoHS Status** | Compliant (Lead-Free) |
---
### 2. Key Electronic Functions
The "2A3" and "R2" designations usually refer to the coupling factor and the revision or taping style.
* **Signal Sampling:** It allows for the monitoring of a signal path without significantly interrupting the main transmission line.
* **Power Monitoring:** Used in the feedback loop of Power Amplifiers (PA) to ensure the output power remains within safe limits.
* **VSWR Measurement:** Helps in calculating the Voltage Standing Wave Ratio by measuring forward and reflected power.
* **Isolation:** Provides high isolation between the output port and the coupled port to prevent signal interference.
---
### 3. Pin Configuration and Schematic Concept
While exact pinouts vary by manufacturer (such as Murata or Soshin), the general internal structure follows this logic:
```mermaid
graph LR
In[Input Port] --- MainLine[Main Line]
MainLine --- Out[Output Port]
MainLine -.-> Coupled[Coupled Port]
Coupled --- Term[Internal/External Termination]
```
---
### 4. Applications
The M2SES series is commonly found in the following hardware:
1. **Mobile Handsets:** For antenna tuning and power control.
2. **Base Stations:** In the RF front-end for signal distribution.
3. **Wi-Fi Routers:** To manage MIMO (Multiple Input, Multiple Output) signal paths.
4. **Test Equipment:** For non-intrusive signal analysis.
---
- ⤷What is the exact coupling factor (dB) for the 2A3 variant?
- ⤷ Which manufacturer produces the M2SES-2A3-R2?
- ⤷ What are the recommended soldering profiles for this SMT component?