Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2SES2-64-R/CE

  • AI
    The **M2SES2-64-R/CE** is a high-performance M.2 Solid State Drive (SSD) specifically designed for industrial and embedded applications. It belongs to a category of storage solutions where reliability and durability are prioritized over raw consumer speed. ### 1. General Specifications This part is a 64GB SSD utilizing the M.2 form factor. Below is the breakdown of its primary characteristics: | Feature | Specification | | :--- | :--- | | **Capacity** | 64 GB | | **Form Factor** | M.2 (Type 2242 or 2280 depending on specific sub-revision) | | **Interface** | SATA III (6.0 Gbps) | | **NAND Type** | Typically Industrial Grade MLC or specialized SLC-lite | | **Operating Temp** | Standard (0°C to +70°C) or Extended Industrial ranges | --- ### 2. Key Electronic Components The internal architecture of the M2SES2-64-R/CE consists of three main pillars: #### A. Flash Controller The "brain" of the SSD. It manages data placement, error correction (ECC), and wear leveling. In industrial units like this, the controller is tuned for **Power Fail Protection (PFP)**, ensuring that data is not corrupted during sudden power loss. #### B. NAND Flash Memory This is the non-volatile storage area. * **64GB Density:** Achieved through high-density NAND dies. * **Endurance:** Unlike consumer drives, these parts often feature higher P/E (Program/Erase) cycles to handle constant logging or OS booting in embedded environments. #### C. Power Management Circuitry Includes decoupling capacitors and voltage regulators that convert the 3.3V supplied by the M.2 slot into the specific voltages required by the NAND and Controller logic. --- ### 3. Advanced Features Industrial SSDs like the M2SES2 series often include specialized electronic features: * **S.M.A.R.T. Monitoring:** Allows the host system to monitor the "health" (remaining life) of the drive. * **Bad Block Management:** Automatically identifies and skips over unreliable memory cells. * **Trim Support:** Optimizes the deletion process to maintain write speeds over time. * **Shock/Vibration Resistance:** The PCB is designed with reinforced soldering points to withstand mechanical stress in industrial machinery. --- ### 4. Part Number Decoder (Typical) While naming conventions vary by manufacturer (often Apacer or similar industrial brands), the code usually breaks down as: * **M2S:** M.2 SATA Interface. * **ES2:** Evolution/Series generation. * **64:** 64GB Capacity. * **R/CE:** Specific regulatory certifications (CE) and RoHS compliance.
    ✨ Follow-up Questions
    • ⤷ What is the exact physical dimensions (2242 vs 2280) for this specific model?
    • ⤷ How does the 'R/CE' suffix affect the environmental ratings of the part?
    • ⤷ What is the rated TBW (Total Bytes Written) for this 64GB module?