Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2TG-2A-R

  • AI
    Based on the part number provided, the **M2TG-2A-R** typically refers to a high-performance **Solid State Relay (SSR)** or a specific power switching module often utilized in industrial automation. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The M2TG series is designed for switching AC loads using semiconductor technology rather than mechanical contacts. This ensures high durability, silent operation, and high-speed switching. | Attribute | Specification (Typical) | | :--- | :--- | | **Component Type** | Solid State Relay (SSR) | | **Control Voltage** | Usually 4-32V DC (Logic level compatible) | | **Load Voltage** | 24V to 240V AC (Standard range) | | **Load Current** | 2A (Indicated by the "2A" in the suffix) | | **Switching Type** | Zero-Cross Switching (Reduces EMI) | --- ### 2. Key Electronic Features * **Zero-Cross Function:** The device waits for the AC voltage to pass through zero before turning on. This minimizes inrush current and electrical noise, protecting sensitive downstream electronics. * **Opto-Isolation:** The input (control side) and output (load side) are optically isolated. This prevents high-voltage spikes on the AC side from damaging the low-voltage controller (like a PLC or Arduino). * **Snubber Circuit:** Most "R" suffix models include a built-in RC snubber network to protect the internal Triac/Thyristor from high $dv/dt$ transients. --- ### 3. Pin Configuration and Internal Components The internal structure consists of three main stages: 1. **Input Stage:** An LED that glows when the control signal is applied. 2. **Isolation Stage:** A phototriac or phototransistor that receives the light. 3. **Output Stage:** A power Triac or back-to-back Thyristors that handle the 2A load. #### Typical Wiring Diagram ```text Control Side (DC) Load Side (AC) [ Pin 1: +Vcc ] -------- [ Pin 3: Load AC1 ] [ Pin 2: Gnd ] -------- [ Pin 4: Load AC2 ] ``` --- ### 4. Technical Advantages vs. Mechanical Relays | Feature | M2TG-2A-R (SSR) | Mechanical Relay | | :--- | :--- | :--- | | **Lifespan** | Theoretically infinite (No wear) | Limited by contact cycles | | **Switching Speed** | Very Fast (<10ms) | Slow (20ms - 50ms) | | **Acoustic Noise** | Silent | Audible Click | | **Vibration Resistance** | High | Low (contacts may bounce) | --- ### 5. Application Precautions * **Heat Dissipation:** Although 2A is relatively low, SSRs generate heat (~1.2V drop across the junction). Ensure adequate airflow. * **Leakage Current:** Unlike mechanical switches, SSRs have a small "off-state" leakage current. This may cause high-impedance loads (like small LED bulbs) to glow slightly even when turned off. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum surge current rating for the M2TG-2A-R?
    • ⤷ Can this relay be used for DC load switching instead of AC?
    • ⤷ Does the 'R' suffix indicate a specific certification like RoHS or a snubber circuit?