Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2TS-61-R2/BN

  • AI
    The **M2TS-61-R2/BN** is a specific model of an **Automatic Transfer Switch (ATS)**, typically manufactured by companies like **Delta** or **Raritan**. It is designed for high-availability power distribution in data centers and server rooms. Below is a detailed breakdown of its electronic components and functional specifications. --- ## 1. Core Technical Specifications The unit serves as a power redundancy device for equipment with a single power supply. | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 200V - 240V AC (Single Phase) | | **Current Rating** | 16A or 32A (depending on specific regional variant) | | **Form Factor** | 1U Rackmount | | **Input Plugs** | 2x IEC 60309 (usually 16A/32A Blue) | | **Output Outlets** | Multiple IEC C13 & C19 outlets | | **Transfer Time** | 8ms to 15ms (Typical) | --- ## 2. Key Electronic Components The internal architecture of the M2TS-61-R2/BN consists of several critical electronic subsystems: ### A. Power Switching Circuit (Relay/SCR) * **The Switch:** It uses high-speed electromagnetic relays or Silicon Controlled Rectifiers (SCRs) to toggle between the Primary and Secondary power sources. * **Logic:** If the primary source falls outside a predefined voltage range, the controller triggers the switch to the secondary source faster than the server's internal capacitors can drain, preventing a reboot. ### B. Microprocessor Control Unit (MCU) * **Monitoring:** Constantly samples the sine wave of both input sources. * **Phase Detection:** It ensures that the transfer happens at an optimal point in the AC cycle to minimize arcing and electrical stress on the connected loads. ### C. Network Management Card (NMC) * **Connectivity:** Features an RJ45 Ethernet port. * **Protocols:** Supports SNMP, HTTP/HTTPS (Web UI), and Telnet/SSH. * **Functions:** Allows remote monitoring of current draw, voltage status, and manual override of the preferred power source. ### D. LCD Display & Interface * **Sensors:** Internal current transformers (CTs) measure the load. * **Feedback:** The front panel typically includes an LCD to show real-time Amps (A), Volts (V), and KW, along with LED indicators for "Source OK" and "Fault" status. --- ## 3. Safety & Protection Electronics 1. **Circuit Breakers:** Integrated thermal-magnetic breakers to prevent overcurrent damage to the internal busbars. 2. **Surge Suppression:** Internal MOVs (Metal Oxide Varistors) to protect sensitive downstream electronics from voltage spikes. 3. **Fuse Protection:** Dedicated fuses for the internal logic board to ensure the control circuitry doesn't fail during a catastrophic power event. --- ## 4. Operational Logic The electronic "Brain" follows this priority logic: 1. **Source A (Primary):** Unit defaults here. 2. **Voltage Drop:** If Source A drops below ~180V, the MCU initiates a transfer. 3. **Transfer:** Power is shifted to Source B within ~12ms. 4. **Recovery:** Once Source A is stable for a set period (hysteresis), the unit can be configured to auto-revert or stay on Source B.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power capacity in kW for the 32A version of this ATS?
    • ⤷ Does the M2TS-61-R2/BN support outlet-level switching or only source-level switching?
    • ⤷ How do I configure the SNMP settings on this specific ATS model?