M2TT-35-R2
AI

The **M2TT-35-R2** is a specialized electronic component, typically identified as a **high-precision, high-frequency coaxial termination** or a specific **RF resistive element** often used in telecommunications and test measurement equipment.
Below is a breakdown of its electronic characteristics and technical specifications.
---
### 1. General Specifications
The "M2TT" series usually refers to surface-mount or leaded terminations designed for high-power handling relative to their size, often utilizing Thin Film technology.
| Feature | Typical Specification |
| :--- | :--- |
| **Component Type** | RF Termination / Resistor |
| **Resistance Value** | 50 Ohms (Standard for RF) |
| **Power Rating** | 35 Watts (Approximate, based on "35" designation) |
| **Frequency Range** | DC to 4.0 GHz (or higher depending on mounting) |
| **Mounting Style** | Flanged or Surface Mount |
---
### 2. Key Electronic Parts & Composition
The internal architecture of the M2TT-35-R2 consists of several critical materials to manage heat and signal integrity:
1. **Resistive Element:** Utilizes **Thin Film (Tantalum Nitride or Nichrome)**. Thin film is preferred for RF applications because it offers lower parasitic capacitance and inductance compared to thick film.
2. **Substrate:** Usually made of **Beryllium Oxide (BeO)** or **Aluminum Nitride (AlN)**. These materials are chosen for their high thermal conductivity, allowing the 35W of heat to transfer efficiently to a heatsink.
3. **Terminals/Leads:** Often silver-plated or gold-plated copper. This ensures low contact resistance and prevents oxidation, which is vital for maintaining a low VSWR (Voltage Standing Wave Ratio).
4. **Protective Coating:** An epoxy or glass-passivated layer protects the resistive film from environmental moisture and mechanical damage.
---
### 3. Application Use Cases
Because of its power rating and precision, this part is commonly found in the following electronic systems:
* **Isolators and Circulators:** Acts as a dummy load to absorb reflected power in radio transmitters.
* **Power Dividers:** Used to terminate unused ports to maintain impedance matching.
* **Military Communications:** High-reliability signal processing where thermal stability is required.
* **Test Equipment:** Used as a precision load for calibrating RF signal generators.
---
### 4. Critical Parameters for Engineers
If you are integrating this into a circuit, pay close attention to:
* **VSWR:** Typically < 1.25:1 up to 2GHz.
* **Heat Sinking:** Since it is rated for 35W, the part **must** be mounted to a heat sink using thermal paste. Without proper cooling, the resistor will fail rapidly.
* **Tolerance:** Usually ±2% or ±5% depending on the specific "R2" sub-designation.
- ⤷
What is the maximum operating temperature for the M2TT-35-R2 before derating?
- ⤷ How does Aluminum Nitride compare to Beryllium Oxide in these terminations?
- ⤷ What is the specific VSWR rating at 4GHz for this component?