M2TT-54-R2
AI

The **M2TT-54-R2** is a specialized electronic component, typically identified as a **high-frequency, surface-mount (SMT) power splitter/combiner** used in RF (Radio Frequency) and microwave applications. It is part of the "M2TT" series often manufactured by companies like Mini-Circuits.
---
### 1. Key Technical Specifications
The following table summarizes the primary electronic characteristics of the M2TT-54-R2:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | 2-Way 0° Power Splitter / Combiner |
| **Frequency Range** | 5 MHz to 500 MHz (VHF/UHF bands) |
| **Impedance** | 50 Ohms (Nominal) |
| **Insertion Loss** | ~0.5 dB to 1.2 dB (typical above 3dB split) |
| **Isolation** | 20 dB to 30 dB (typical) |
| **Power Rating** | Up to 1W as a splitter |
| **Operating Temp** | -40°C to +85°C |
---
### 2. Internal Electronic Functionality
The M2TT-54-R2 operates based on **Transmission Line Transformer** technology. Inside the tiny SMT package, there are ferrite cores wound with precision wire.
* **As a Splitter:** An input signal at the "Sum" port is divided into two signals of equal amplitude and phase (0° difference) at the output ports.
* **As a Combiner:** Two coherent signals are summed into a single output.
* **Isolation:** The internal circuitry ensures that Port 1 and Port 2 are isolated from one another. If a reflection occurs on one output port, it does not significantly affect the other.
---
### 3. Physical & Mounting Characteristics
Because this is an RF component, the physical layout is critical to maintain signal integrity.
```markdown
- Package Style: Case Style GU1604 (or similar miniature SMT)
- Lead Finish: Tin/Silver/Copper (RoHS compliant)
- Terminations: 6-pin configuration (Input, Outputs, and Grounds)
```
---
### 4. Typical Applications
The M2TT-54-R2 is commonly found in:
1. **CATV Systems:** Splitting cable television signals without losing phase synchronization.
2. **VHF/UHF Radios:** Distributing local oscillator signals to multiple mixers.
3. **Test Equipment:** Parallel signal processing in signal generators and analyzers.
4. **Antenna Arrays:** Feeding multiple antenna elements from a single power source.
- ⤷
What is the maximum VSWR rating for the M2TT-54-R2?
- ⤷ How does the phase unbalance affect performance in this specific model?
- ⤷ Are there recommended PCB layout techniques for this SMT package?