Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2TT-80-R2/BL

  • AI
    The **M2TT-80-R2/BL** is a specialized electronic component, typically categorized as a **high-current terminal block** or a **power distribution module**, often used in industrial automation, control panels, and electrical distribution systems. Below is a breakdown of its technical specifications and electronic characteristics. --- ### 1. General Specifications The device is designed for secure electrical connections in environments requiring high reliability and heat resistance. | Feature | Description | | :--- | :--- | | **Component Type** | Terminal Block / Connector | | **Material (Housing)** | Polyamide (PA66) or specialized thermoplastic | | **Color Code** | BL (Blue) - often signifies Neutral in wiring standards | | **Mounting Type** | DIN Rail Mounting (TS 35) | | **Current Rating** | Typically up to 80A (depending on thermal conditions) | --- ### 2. Electronic & Mechanical Parts The assembly of the M2TT-80-R2/BL consists of several critical internal parts: #### A. Conductive Core (Busbar) * **Material:** Usually Electrolytic Copper or Brass with Tin/Nickel plating. * **Function:** Ensures low contact resistance and high conductivity to prevent voltage drops and overheating. #### B. Clamping Mechanism * **Type:** Screw-clamp or Spring-cage. * **Screw Material:** Steel, galvanized and chromated to prevent corrosion. * **Purpose:** Provides a gas-tight connection to the wire to prevent oxidation over time. #### C. Insulation Housing * **Flammability Rating:** UL 94 V-0 (Self-extinguishing). * **Dielectric Strength:** High resistance to electrical breakdown between adjacent terminals. --- ### 3. Connection Data | Parameter | Value (Typical) | | :--- | :--- | | **Rated Voltage** | 600V - 1000V AC/DC | | **Wire Size (Solid)** | 6 AWG - 18 AWG (Approx. 1.5mm² to 16mm²) | | **Stripping Length** | 10mm to 12mm | | **Tightening Torque** | 1.2 Nm to 2.0 Nm | --- ### 4. Application Areas * **PLC Panels:** Used to distribute power to controllers and I/O modules. * **Motor Control Centers (MCC):** Handling higher current loads for industrial motors. * **Renewable Energy:** Used in solar combiner boxes for neutral or ground distribution. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the M2TT-80-R2/BL?
    • ⤷ Does this model support bridging or jumper bars for commoning connections?
    • ⤷ What is the difference between the 'BL' version and the standard 'GR' or 'GY' versions?