Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2UDS-12-R

  • AI
    The **M2UDS-12-R** is a high-performance, ultra-compact **DC-DC Step-Down (Buck) Converter** module. These modules are typically part of a specific series designed for high-density power applications where space is at a premium and reliability is critical. --- ### 1. General Specifications The part number usually decodes into specific performance parameters. Below is a breakdown of the typical electronic characteristics: | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | 4.5V to 14V DC | | **Output Voltage** | Adjustable (often 0.6V to 5.0V) | | **Maximum Output Current** | 12 Amperes | | **Efficiency** | Up to 93-95% | | **Switching Frequency** | ~600 kHz to 1 MHz | | **Package Type** | SMT (Surface Mount Technology) / LGA | --- ### 2. Key Electronic Components & Internal Architecture The M2UDS-12-R is a "Point of Load" (POL) converter, meaning it integrates several components into a single shielded module: * **Integrated Power MOSFETs:** It contains high-side and low-side synchronous MOSFETs with low $R_{DS(on)}$ to minimize heat dissipation. * **Controller IC:** An internal PWM controller manages voltage regulation using feedback loops. * **Inductor:** A high-quality, low-profile power inductor is integrated inside the module to reduce EMI (Electromagnetic Interference). * **Control Logic:** Includes circuitry for Power Good (PGOOD) signaling, Enable (EN) pins, and soft-start functionality. --- ### 3. Pin Functions and Connectivity While physical layouts vary by manufacturer (such as Murata or specialized power brands), the functional pins generally include: 1. **VIN:** Input power supply. 2. **VOUT:** Regulated output voltage. 3. **GND:** Common ground for power and signal. 4. **TRIM:** Pin used to connect a resistor to set the specific output voltage. 5. **PGOOD:** An open-drain output that signals when the output voltage is within the target range. 6. **SENSE (+/-):** Used for remote sensing to compensate for voltage drops across PCB traces. --- ### 4. Critical Protection Features To protect both the module and the sensitive load (like an FPGA or CPU), the M2UDS-12-R includes: * **Over-Current Protection (OCP):** Automatically limits current or enters "hiccup mode" during a short circuit. * **Over-Temperature Protection (OTP):** Shuts down the device if the internal junction temperature exceeds safety limits (usually around 150°C). * **Under-Voltage Lockout (UVLO):** Ensures the device does not attempt to operate if the input voltage is too low to guarantee stability. --- ### 5. Application Example (Simplified Circuit) ```mermaid graph LR Vin[12V DC Input] --> Module[M2UDS-12-R] Module --> Vout[1.2V DC Output] Resistor[Trim Resistor] -.-> Module Module --> Load[FPGA/ASIC] ```
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint/package size for the M2UDS-12-R?
    • ⤷ How do I calculate the Trim resistor value for a 3.3V output?
    • ⤷ Does this module require external input/output capacitors?