Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2UDS-34W-R/N

  • AI
    The **M2UDS-34W-R/N** is a specific model designation typically associated with high-performance **Ultrawide Curved Gaming Monitors** (often from manufacturers like Cooler Master or specialized OEM displays). Below is a breakdown of the electronic architecture and key technical components of this unit. --- ### 1. Core Technical Specifications These specs define the electronic output and performance capabilities of the internal hardware. | Component | Specification | Description | | :--- | :--- | :--- | | **Panel Type** | VA or IPS (model specific) | High-contrast liquid crystal layer | | **Resolution** | 3440 x 1440 | Ultra-Wide Quad HD (UWQHD) | | **Refresh Rate** | 144Hz - 165Hz | Controlled by the Scalar IC | | **Response Time** | 1ms (MPRT/GtG) | Managed by Overdrive circuits | | **Backlight** | E-LED / W-LED | Edge-lit LED array with PWM dimming | --- ### 2. Main Internal Electronic Boards The monitor consists of several integrated circuits (ICs) and PCB assemblies: #### A. The Mainboard (Scalar Board) This is the "brain" of the monitor. It processes incoming video signals. * **Scalar IC:** Converts input signals (DP/HDMI) to the native resolution and frequency of the panel. * **EEPROM/Flash Memory:** Stores the firmware, OSD (On-Screen Display) settings, and EDID data. * **Gamma IC:** Manages the voltage levels sent to pixels to ensure accurate color reproduction. #### B. Power Supply Unit (PSU) Depending on the specific revision, this is either internal or an external brick. * **AC/DC Converter:** Steps down wall voltage (110V/220V) to DC (typically 12V or 19V). * **LED Driver:** A specialized boost converter that regulates the current flowing to the backlight LEDs to maintain consistent brightness without flickering. #### C. T-CON Board (Timing Controller) * The T-CON acts as the bridge between the Mainboard and the LCD Panel. * It organizes the data stream into rows and columns, ensuring the horizontal and vertical drivers trigger at the exact microsecond required for high refresh rates. --- ### 3. Interface & Connectivity Electronics The "R/N" suffix usually denotes specific regional or revision-based port layouts. * **DisplayPort 1.4:** Necessary for the high bandwidth required for 144Hz+ at 1440p. * **HDMI 2.0:** Supports high resolution but may be capped at lower refresh rates (e.g., 100Hz) compared to DP. * **Audio Out:** A simple DAC (Digital-to-Analog Converter) for the 3.5mm headphone jack. --- ### 4. Specialized Circuitry * **Adaptive Sync Logic:** Electronic handshaking between the GPU and the monitor to prevent screen tearing (FreeSync/G-Sync Compatible). * **Low Blue Light Filter:** A hardware-level or firmware-level adjustment of the RGB gain to reduce eye strain. * **OSD Controller:** A small PCB with tactile switches or a joystick for user menu navigation.
    ✨ Follow-up Questions
    • ⤷ What are the common failure points in the M2UDS power supply circuit?
    • ⤷ How do I update the firmware on the Scalar IC for this model?
    • ⤷ Is the panel in the M2UDS-34W-R/N compatible with other T-CON boards?