Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2UDS-34W-R2

  • AI
    The **M2UDS-34W-R2** is a specific model of an **Ultrasonic Distance Sensor**, commonly used in industrial automation for non-contact object detection and distance measurement. Below is a detailed breakdown of its electronic components and technical specifications. --- ### 1. Core Technical Specifications The M2UDS-34W-R2 operates based on the "Time of Flight" (ToF) principle, where ultrasonic waves are emitted and the reflection time is measured. | Feature | Specification | | :--- | :--- | | **Detection Range** | 350mm to 3400mm (Approx. 3.4 meters) | | **Operating Voltage** | 12 - 24V DC | | **Output Type** | Analog (typically 4-20mA or 0-10V) | | **Connection Type** | M12 Connector (4-pin or 5-pin) | | **Housing Material** | Nickel-plated brass or PBT plastic | | **Frequency** | ~120 kHz to 200 kHz | | **Protection Rating** | IP67 (Dust and Water Resistant) | --- ### 2. Internal Electronic Components The device consists of several critical electronic sub-systems integrated into the cylindrical housing: #### A. Ultrasonic Transducer (The Piezoelectric Element) This is the heart of the sensor. It converts electrical energy into mechanical vibrations (sound waves) and vice versa. * **Emitter Phase:** A high-frequency pulse is sent to the crystal, causing it to vibrate and send out a sonic cone. * **Receiver Phase:** The crystal waits for the echo; when the sound hits the crystal, it generates a small voltage signal. #### B. Signal Processing Circuitry (ASIC/MCU) The internal microcontroller (MCU) handles the complex math required for accuracy: * **Temperature Compensation:** Since the speed of sound changes with air temperature, these sensors often include an internal thermistor to adjust the distance calculation automatically. * **Gain Control:** Amplifies weak echoes from far-off or soft objects while suppressing noise. #### C. Output Stage The electronics translate the digital distance value into an analog signal: * **Digital-to-Analog Converter (DAC):** Converts the calculated distance into a precise current (mA) or voltage (V) signal for a PLC (Programmable Logic Controller). --- ### 3. Wiring Configuration Most M2UDS models follow a standard industrial wiring color code: | Pin Number | Wire Color | Function | | :--- | :--- | :--- | | **1** | Brown | +VCC (12-24V DC) | | **2** | White | Teach-in / Mode Selection | | **3** | Blue | GND (0V) | | **4** | Black | Analog Output (4-20mA / 0-10V) | --- ### 4. Key Advantages * **Color Independent:** Unlike optical sensors, the M2UDS-34W-R2 can detect transparent, shiny, or multi-colored objects with equal precision. * **Environmentally Robust:** The electronic seal allows it to function in dusty or foggy environments where lasers might fail. ---
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the 'Teach-in' range on the M2UDS-34W-R2?
    • ⤷ What is the difference between the Analog and Switching versions of this sensor?
    • ⤷ How does air temperature specifically affect the accuracy of these ultrasonic electronics?