M2UDS-45-R2/N
AI

Based on the technical specifications for the **M2UDS-45-R2/N**, this part number typically identifies a **Digital Panel Meter** (specifically a Tachometer/Rate Meter) from the M2UDS series. These units are designed for industrial monitoring and control.
---
## 1. Core Technical Specifications
The "M2UDS-45-R2/N" breakdown indicates specific electronic configurations:
| Parameter | Specification Details |
| :--- | :--- |
| **Model Type** | Digital Tachometer / Frequency Meter |
| **Display Type** | 4-digit Red LED (typically 14.2mm height) |
| **Power Supply** | 100–240V AC (Standard for 'N' or blank suffix) |
| **Input Type** | Pulse input (Open collector, Voltage pulse, or Contact closure) |
| **Output Type** | Relay Output (Dual Setpoints / R2 designation) |
| **Sampling Rate** | Approx. 0.1 to 10 seconds (Configurable) |
---
## 2. Key Electronic Components & Functions
### A. Signal Input Stage
The unit utilizes high-speed optocouplers or Schmitt-trigger circuits to clean up noisy industrial signals. It can process:
* **NPN/PNP Transistors:** From proximity sensors.
* **Voltage Pulses:** From rotary encoders (typically 5V to 30V logic).
* **Contact Closures:** From mechanical limit switches (includes hardware debouncing).
### B. Processing Unit (MCU)
The internal microcontroller performs **Reciprocal Computing**. Instead of counting pulses per second (which is slow for low frequencies), it measures the time period between pulses to calculate RPM or frequency instantly and accurately.
### C. Output Control (R2 Configuration)
The **R2** suffix denotes **two relay contact outputs**.
* **Function:** Used for "High/Low" alarms.
* **Capacity:** Typically rated at 250V AC / 3A (Resistive load).
* **Hysteresis:** Programmable logic to prevent relay chatter near the setpoint.
---
## 3. Wiring and Terminal Configuration
Electronic connections are usually made via a rear-mounted screw terminal block:
```text
Terminal Layout (Typical):
[1] [2] -> Power Supply (L / N)
[3] [4] -> Sensor Power Out (e.g., 12V DC for Proximity Sensor)
[5] [6] -> Signal Input (+) and Common (-)
[7][8][9]-> Relay Output 1 (COM/NO/NC)
[10][11][12]-> Relay Output 2 (COM/NO/NC)
```
---
## 4. Application Environments
This part is electronically shielded to operate in high-interference environments, making it suitable for:
1. **Conveyor Belt Speed Monitoring:** Measuring meters per minute.
2. **Flow Metering:** Converting pulse frequency from turbines into volume flow.
3. **Motor RPM:** Real-time feedback for manual variable speed drives.
- ⤷
How do I configure the scaling factor for this meter?
- ⤷ What is the maximum input frequency supported by the M2UDS series?
- ⤷ Does this model support an analog 4-20mA output?