Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2UDS-54-R2/N

  • AI
    The **M2UDS-54-R2/N** is a specific model of an **Ultrasonic Distance Sensor** module, commonly used in industrial automation, robotics, and level sensing applications. Below is a detailed breakdown of its electronic components and specifications. --- ## 1. Technical Specifications The "M2UDS" series typically refers to high-precision ultrasonic sensors designed for non-contact distance measurement. | Parameter | Specification (Typical) | | :--- | :--- | | **Sensing Method** | Ultrasonic Time-of-Flight (ToF) | | **Detection Range** | 50mm to 4000mm (depends on target size) | | **Operating Voltage** | 12V - 24V DC | | **Output Type** | NPN / PNP (Open Collector) or Analog (0-10V / 4-20mA) | | **Housing Material** | Nickel-plated brass or Stainless steel | | **Connector Type** | M12 4-pin or 5-pin Connector | | **IP Rating** | IP67 (Dust tight and water immersion resistant) | --- ## 2. Key Electronic Parts The internal circuitry of the M2UDS-54-R2/N consists of four primary stages: ### A. The Piezoelectric Transducer This is the "heart" of the sensor. It converts electrical energy into high-frequency sound waves (usually 40kHz to 200kHz). * **Trigger Phase:** The crystal vibrates when a voltage pulse is applied. * **Echo Phase:** The crystal vibrates when the returning sound wave hits it, creating a small millivolt signal. ### B. Signal Processing Unit (ASIC/MCU) The module contains an internal microcontroller or a specialized **Application-Specific Integrated Circuit (ASIC)** that performs: 1. **ToF Calculation:** Measuring the time between the trigger pulse and the received echo. 2. **Temperature Compensation:** Because the speed of sound changes with temperature, the sensor often includes a thermistor to adjust the distance calculation. 3. **Filtering:** Digital filters (like moving average) to ignore "noise" or stray reflections. ### C. Output Driver Stage Depending on the specific suffix (R2/N), the output stage handles how the sensor communicates with a PLC or Controller: * **Switching Output:** Uses a transistor (NPN or PNP) to act as a digital switch when an object enters a set window. * **Analog Output:** Uses an Op-Amp and DAC to provide a linear voltage or current proportional to the distance. ### D. Protection Circuitry * **Reverse Polarity Protection:** Prevents damage if the power wires are swapped. * **Overload/Short Circuit Protection:** Protects the internal transistors from excessive current. --- ## 3. Wiring Configuration Most M2-series sensors follow standard industrial color-coding for their internal electronics: | Pin | Wire Color | Function | | :--- | :--- | :--- | | 1 | Brown | +Vcc (12-24V DC) | | 2 | White | Teach-in / Mode Select | | 3 | Blue | GND (0V) | | 4 | Black | Switching Output (NPN/PNP) | --- ## 4. Operational Logic 1. **Emitter** sends an ultrasonic burst. 2. **Timer** starts inside the MCU. 3. **Reflector** (Object) bounces the sound back. 4. **Receiver** detects the echo. 5. **Distance** is calculated using the formula: $d = \frac{v \times t}{2}$ (where $v$ is the speed of sound and $t$ is the time).
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R2 and N variants in this sensor series?
    • ⤷ How do I calibrate the 'Teach-in' function on this specific model?
    • ⤷ Can this sensor be used for liquid level sensing in chemically aggressive environments?