M2UDS-5W2-R2/CE
AI

The **M2UDS-5W2-R2/CE** is a high-performance, compact digital indicator and signal conditioner manufactured by **M-System** (now part of MG CO., LTD). It is primarily used for converting DC input signals into various analog outputs while providing a local digital display.
Below is a detailed breakdown of its electronic specifications and features.
---
### 1. Model Code Breakdown
Understanding the specific suffix of this part number is crucial for identifying its electronic configuration:
| Component | Code | Specification |
| :--- | :--- | :--- |
| **Series** | M2UDS | Universal Digital Indicator (M2 Series) |
| **Input** | 5 | 4 to 20 mA DC |
| **Output** | W2 | Dual Output: 4 to 20 mA DC (Output 1 & 2) |
| **Power Input** | R2 | 11 to 27 V DC |
| **Standards** | /CE | CE Marking compliant |
---
### 2. Core Electronic Specifications
This device acts as both a **signal isolator** and a **converter**.
| Feature | Technical Detail |
| :--- | :--- |
| **Input Impedance** | 250 $\Omega$ (for 4–20mA input) |
| **Output Load Resistance** | Max 300 $\Omega$ |
| **Display Type** | 4-digit, 7-segment LED (Red) |
| **Accuracy** | $\pm$0.1% of span |
| **Response Time** | $\leq$ 0.5 seconds (0 to 90%) |
| **Isolation** | 4-way isolation (Input to Output 1 to Output 2 to Power) |
| **Dielectric Strength** | 2000V AC @ 1 minute |
---
### 3. Key Electronic Features
#### A. Quad-Isolator Technology
The "4-way isolation" is a critical electronic safety feature. It prevents ground loops and protects sensitive PLC/DCS cards by electrically separating the input signal, both output channels, and the power supply from one another.
#### B. Microprocessor-Based Scaling
The device contains internal logic that allows the user to scale the digital display. For example, a 4–20mA input can be programmed to display 0.0 to 100.0% or custom engineering units (e.g., liters, pressure) without affecting the analog output signal.
#### C. Dual Output (Splitter Function)
The "W2" designation indicates this part acts as a signal splitter. It takes one loop input (4-20mA) and provides two independent 4-20mA outputs. This is useful for sending one signal to a local controller and the other to a central SCADA system.
---
### 4. Installation & Wiring
The unit is designed for DIN rail mounting and utilizes M3 screw terminals.
* **Terminals 1 & 2:** Power Input (11–27V DC).
* **Terminals 5 & 6:** Input Signal (4–20mA).
* **Terminals 7 & 8:** Output 1 (4–20mA).
* **Terminals 9 & 10:** Output 2 (4–20mA).
---
- ⤷
How do you calibrate the scaling on the M2UDS display?
- ⤷ What are the specific environmental temperature ratings for this model?
- ⤷ Can the output signals be changed from current to voltage via internal jumpers?