M2UDS-A15-R2SLASHN
AI

The **M2UDS-A15-R2/N** (often stylized with a slash as M2UDS-A15-R2/N) is a specific configuration of a **Digital Indicator** or **Signal Conditioner** from the **M2 Series** manufactured by **M-System** (now part of MG CO., LTD).
This device is primarily used in industrial automation to convert analog signals into digital readouts and provide isolated analog outputs.
---
## 1. Technical Specifications
Below are the primary electronic characteristics of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Series** | M2 Series (Plug-in Signal Conditioners) |
| **Model Function** | Universal Digital Indicator (M2UDS) |
| **Input Type** | DC Current or Voltage (Universal/Configurable) |
| **Power Input (R2)** | 100 – 240V AC (50/60Hz) |
| **Output Type (A)** | 4 – 20mA DC |
| **Communication (/N)** | No optional communication (Standard display/output) |
| **Display** | 4-digit Red LED |
| **Isolation** | Input to Output to Power to Ground |
---
## 2. Component Breakdown
The device consists of several critical electronic sub-sections:
### A. Power Supply Unit (R2 Designation)
* **Switching Mode Power Supply (SMPS):** Handles a wide range of AC voltage (100-240V).
* **Internal Transformer:** Provides galvanic isolation between the power source and the internal logic circuits for safety and noise reduction.
### B. Signal Input Processing
* **Analog-to-Digital Converter (ADC):** A high-resolution ADC samples the incoming analog signal (e.g., 0-10V or 4-20mA).
* **Signal Conditioning:** Includes filters to remove electromagnetic interference (EMI) and high-frequency noise from the field sensors.
### C. Processing & Display
* **Microcontroller (MCU):** The "brain" that scales the input signal into engineering units (e.g., liters, degrees, PSI) based on user-defined parameters.
* **LED Driver:** Manages the 4-digit display to show real-time values.
### D. Analog Output (A Designation)
* **Digital-to-Analog Converter (DAC):** Converts the processed signal back into a precise 4-20mA current loop.
* **Isolation Circuit:** Uses optoisolators to ensure the output circuit is electrically separated from the input and power circuits.
---
## 3. Key Features
* **Scaling:** The electronic interface allows the user to set "Zero" and "Span" to correlate the analog signal with the desired display range.
* **Plug-in Base:** The unit consists of a terminal base and the electronic module. This allows for the replacement of the electronic parts without disturbing the field wiring.
* **Non-Volatile Memory:** Uses EEPROM to store configuration settings so they are not lost during a power failure.
---
- ⤷
How do you calibrate the scaling on the M2UDS model?
- ⤷ What are the common wiring diagrams for the 4-20mA output loop?
- ⤷ Is this model compatible with 24V DC power sources?