AI

The **M2UDS-B4-R2** is a specific model within the **M2UDS series**, which are high-performance, plug-in type digital multi-transducers primarily manufactured by companies like **M-System**. These devices are designed to measure various electrical parameters in a power system and convert them into standard analog or digital outputs.
---
### 1. Technical Specifications Overview
The model name "M2UDS-B4-R2" breaks down into specific hardware configurations:
| Component Code | Description | Details |
| :--- | :--- | :--- |
| **M2UDS** | Series Name | Plug-in Multi-Transducer |
| **B** | Input Type | 3-phase, 3-wire system |
| **4** | Output Type | 4 to 20 mA DC (Current output) |
| **R** | Power Input | 24V DC |
| **2** | Measurement | Universal (Voltage, Current, Power, etc.) |
---
### 2. Core Electronic Functions
The internal circuitry of the M2UDS-B4-R2 consists of several critical electronic stages:
#### A. Input Signal Conditioning
* **PT/CT Inputs:** The device receives low-level signals from potential transformers (PT) and current transformers (CT).
* **Isolation:** Uses high-isolation transformers to ensure the high-voltage power lines are electronically separated from the sensitive processing circuitry.
#### B. Digital Processing Unit (Microprocessor)
* **True RMS Calculation:** The onboard chip performs high-speed sampling of the AC waveform to calculate True RMS values, preventing errors caused by harmonics.
* **Multi-Parameter Calculation:** It simultaneously calculates:
* Voltage ($V$) and Current ($I$)
* Active Power ($P$), Reactive Power ($Q$), and Apparent Power ($S$)
* Power Factor ($\cos \phi$) and Frequency ($Hz$)
#### C. Output Stage
* **D/A Converter:** Converts the digital processed data into a precise analog voltage or current.
* **Current Loop:** Specifically, for the "4" code, it generates a stable **4-20mA DC** signal proportional to the selected parameter.
---
### 3. Hardware Features
1. **Plug-in Base:** The electronic assembly is housed in a "plug-in" module, allowing for easy replacement without disturbing the wiring on the base socket.
2. **Display:** Usually features a 4-digit LED or LCD on the front panel to show real-time measured values and facilitate local programming.
3. **Configurability:** Users can change which parameter is mapped to the analog output using the front buttons or PC-based software.
---
### 4. Application Context
The M2UDS-B4-R2 is typically found in:
* **SCADA Systems:** Providing real-time power data to remote monitoring stations.
* **Industrial PLC Integration:** Translating high-voltage AC data into a 4-20mA signal that a standard PLC analog input card can read.
* **Energy Management:** Tracking power consumption in manufacturing plants.
- ⤷
How do you calibrate the 4-20mA output range on this device?
- ⤷ What is the maximum voltage and current input rating for the B4-R2 model?
- ⤷ Does the M2UDS series support RS-485 Modbus communication?