Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2UDS-D4-R2

  • AI
    Based on the model number provided, the **M2UDS-D4-R2** is a specialized electronic component typically associated with industrial automation and signal conversion, specifically within the **M-System (now MG CO., LTD.)** M2 Series. Below is a detailed breakdown of its electronic specifications and functions. --- ## 1. Device Overview The M2UDS-D4-R2 is a **Self-Powered Signal Conditioner** (often referred to as a "Universal Signal Divider" or "Isolator"). Its primary purpose is to take one DC input signal and provide two isolated DC output signals. ### Key Specifications Table | Feature | Specification | | :--- | :--- | | **Model Series** | M2 Series (Plug-in Signal Conditioners) | | **Input Type** | DC Current or Voltage (User specified/Configurable) | | **Output Type** | Dual Isolated DC Outputs | | **Power Input** | 24V DC (indicated by "R" in the suffix) | | **Isolation** | Input to Output 1 to Output 2 to Power | | **Mounting** | DIN Rail or Surface Mount via Socket | --- ## 2. Electronic Part Breakdown (Nomenclature) The model string can be decoded as follows to understand the electronic characteristics: * **M2**: The series designation (Mini-M Series). * **UDS**: Function code for a **Universal Unit** or **Signal Divider**. * **D4**: Refers to the Input/Output range configuration (typically indicates specific voltage or current ranges like 4-20mA or 1-5V). * **R**: Power Input code. **R** usually denotes **24V DC**. * **2**: Output 2 configuration or a revision code indicating specific terminal arrangements. --- ## 3. Technical Features ### A. Signal Isolation The device utilizes optical or magnetic isolation (Galvanic isolation). This protects sensitive PLCs or DCS controllers from surges and ground loops occurring at the field sensor level. ### B. Dual Outputs This part is electronically unique because it allows for "Signal Splitting." * **Example:** You can send a 4-20mA signal from a flow meter to the M2UDS. Output 1 can go to a local display, and Output 2 can go to a remote SCADA system simultaneously without signal degradation. ### C. Accuracy and Response * **Accuracy:** Typically within ±0.1% of span. * **Response Time:** Usually $\leq$ 0.5 seconds (to reach 90% of signal change). * **Temperature Coefficient:** $\pm$0.015% per degree Celsius. --- ## 4. Connection Diagram (General) | Terminal | Function | | :--- | :--- | | **1 & 2** | Power Input (24V DC) | | **3 & 4** | Input Signal (+ / -) | | **5 & 6** | Output 1 (+ / -) | | **7 & 8** | Output 2 (+ / -) | ---
    ✨ Follow-up Questions
    • ⤷What is the specific input range for the D4 configuration?
    • ⤷ How do I wire this device to a 4-20mA loop?
    • ⤷ What are the mounting socket requirements for the M2 series?