Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2UDS-D4-R2/N

  • AI
    The **M2UDS-D4-R2/N** is a specific model within the **M2UDS Series** of digital panel meters manufactured by **M-System** (now part of MG CO., LTD). These devices are high-performance digital indicators designed for industrial monitoring and automation. --- ### 1. Model Breakdown (Technical Specifications) The alphanumeric code describes the specific configuration of the unit: | Code Segment | Description | Details | | :--- | :--- | :--- | | **M2UDS** | **Series Name** | 1/8 DIN Digital Panel Meter (Universal Input) | | **D4** | **Display Size/Type** | 4-digit, high-visibility red LED display | | **R2** | **Output Configuration** | 2 Alarm relay outputs (High/Low) | | **N** | **Power Input** | Typically indicates 100 – 240V AC power supply | --- ### 2. Core Electronic Components The device consists of several integrated electronic subsystems: #### A. Signal Conditioning & Input Stage The "U" in M2UDS stands for **Universal Input**. The internal circuitry includes: * **Precision Resistor Network:** Used to scale DC voltage (up to ±10V) or current (4-20mA) signals. * **High-Resolution A/D Converter:** Converts the analog industrial signal into a digital value for the microprocessor. * **Galvanic Isolation:** Optoisolators provide electrical separation between the input signal, power supply, and output to prevent ground loops. #### B. Processing & Control * **Microcontroller (MCU):** An 8-bit or 16-bit processor handles the linearization of the input signal, applies scaling factors (e.g., converting 4mA to "0" and 20mA to "100"), and monitors alarm thresholds. * **EEPROM Memory:** Stores user configuration and calibration data so that settings are not lost during power outages. #### C. Output & Indication * **Relay Drivers:** Electronic switches that trigger the mechanical or solid-state relays for the R2 (2-point) alarm outputs. * **LED Driver Circuitry:** Controls the 4-digit segment display, managing brightness and refresh rates. --- ### 3. Key Electronic Features 1. **Scaling Capability:** Allows the user to program the display to represent physical units (PSI, °C, Liters) based on the electrical input. 2. **Universal Power Supply:** The "N" variant usually features a switching power supply (SMPS) capable of handling a wide range of AC voltages (100V to 240V). 3. **Hysteresis Control:** The electronic logic allows for adjustable "dead bands" on the alarm outputs to prevent relay chattering near the setpoint. --- ### 4. Typical Wiring Terminal Layout | Terminal No. | Function | Description | | :--- | :--- | :--- | | **1 - 2** | **Power Input** | AC Source (Line/Neutral) | | **3 - 4** | **Input Signal** | (+) and (-) Analog input (e.g., 4-20mA) | | **5 - 6** | **Alarm Output 1** | Relay Contact (Common/NO) | | **7 - 8** | **Alarm Output 2** | Relay Contact (Common/NO) |
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the scaling for a 4-20mA input on this model?
    • ⤷ What is the maximum contact rating for the R2 relay outputs?
    • ⤷ Can this model support Modbus RTU communication?