Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2UDS-FW5-R2

  • AI
    The **M2UDS-FW5-R2** is a specific model within the **M2UDS series**, which are high-performance, plug-in type digital multi-transducers manufactured by **M-System (now MG CO., LTD.)**. These devices are primarily used in industrial power monitoring to convert various AC power parameters into standard DC signals or digital data. ### 1. Component Overview The M2UDS-FW5-R2 is a complex electronic assembly designed for power distribution boards. Below is a breakdown of its core electronic characteristics: | Feature | Specification / Detail | | :--- | :--- | | **Model Type** | Multi-Transducer (Energy/Power Monitoring) | | **Input Type** | 3-phase, 4-wire (indicated by the 'W' in the suffix) | | **Power Input (R2)** | 100 – 240V AC / 108 – 264V DC | | **Output Type** | Modbus-RTU / RS-485 Communication | | **Mounting** | Plug-in base (easy maintenance without rewiring) | --- ### 2. Key Electronic Sections The internal architecture of the device consists of several critical stages: #### A. Input Conditioning Stage * **Voltage Transformers (PTs):** Stepped-down isolation transformers that sense line voltage. * **Current Transformers (CTs):** Internal precision CTs that convert high-amperage line currents (typically 1A or 5A inputs) into millivolt signals for the ADC. * **Sampling:** High-speed simultaneous sampling of V and I to calculate true RMS values. #### B. Digital Processing Unit (Microcontroller) The "brain" of the device performs real-time mathematical calculations for: * **Active/Reactive/Apparent Power** ($W, Var, VA$). * **Power Factor** ($\cos \phi$). * **Frequency** (Hz). * **Energy Consumption** ($kWh$). #### C. Communication & Interface * **RS-485 Physical Layer:** Uses differential signaling for noise immunity in industrial environments. * **Isolation:** Galvanic isolation between input, power, and communication ports (usually rated at 2000V AC) to protect upstream PLC/SCADA systems. --- ### 3. Part Number Breakdown (Electronic Meaning) Understanding the suffix helps identify specific internal hardware configurations: | Suffix | Electronic Meaning | | :--- | :--- | | **F** | Specifically refers to "Multi-power" measurement capabilities. | | **W5** | Configuration for 3-phase, 4-wire systems with specific voltage/current ranges. | | **R** | Power input requirement (AC Power). | | **2** | Specific version or terminal layout code. | --- ### 4. Typical Wiring Diagram (Conceptual) ```mermaid graph LR A[AC Main Line] --> B[Voltage Inputs] A --> C[Current Inputs via CT] B --> D[M2UDS Internal Processor] C --> D E[Aux Power R2] --> D D --> F[RS-485 Modbus Output] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific Modbus registers for reading kWh from this device?
    • ⤷ How do I wire the RS-485 termination resistor for the M2UDS?
    • ⤷ Does this model support 4-20mA analog output alongside the digital signal?