Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2UDS-K5-R

  • AI
    The **M2UDS-K5-R** is a specific model within a series of digital indicators/transducers, typically associated with signal conditioning and display modules used in industrial automation. --- ### ## Technical Specifications Overview The electronic components of the M2UDS series are designed to convert analog input signals into standardized output signals while providing a local digital readout. | Feature | Specification | | :--- | :--- | | **Input Type** | DC Current or Voltage (Universal/Selectable) | | **Output Type** | Dual Output (Current/Voltage) | | **Display** | 4-digit Red LED | | **Power Supply** | 100 – 240V AC or 24V DC (Depending on variant) | | **Accuracy** | ±0.1% of span | | **Mounting** | Plug-in / DIN Rail | --- ### ## Key Electronic Subsystems #### 1. Input Processing Circuit The "Front-end" consists of high-precision operational amplifiers and an **Analog-to-Digital Converter (ADC)**. It scales the incoming sensor signal (e.g., 4-20mA or 0-10V) into a digital format that the internal microprocessor can interpret. #### 2. Isolation Barrier A critical electronic feature of the M2UDS-K5-R is **Galvanic Isolation**. It uses optocouplers or magnetic transformers to isolate the input, output, and power circuits. This prevents ground loops and protects sensitive equipment from high-voltage surges. #### 3. Microcontroller Unit (MCU) The MCU handles: * **Linearization:** Correcting non-linear sensor inputs. * **Scaling:** Converting the raw signal into engineering units (e.g., PSI, °C). * **Display Logic:** Driving the 7-segment LED display. #### 4. Output Stage (DAC) The **Digital-to-Analog Converter (DAC)** generates the "R" (Relay or Retransmission) signal. In the "K5-R" configuration, this involves power transistors or high-quality relays to provide the control signal back to a PLC or SCADA system. --- ### ## Connection Terminal Layout Most units in this series follow a standardized pin-out for easy replacement: 1. **Terminals 1 & 11:** Power Supply Input. 2. **Terminals 4, 5, 6:** Input Signal (Positive/Negative/Shield). 3. **Terminals 7, 8, 9, 10:** Output signals (Output 1 and Output 2). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific configuration settings for the M2UDS scaling?
    • ⤷ Does the M2UDS-K5-R support Modbus communication protocols?
    • ⤷ How do I troubleshoot a 'Burnout' error on this module?