Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2UDS2-10-R

  • AI
    The **M2UDS2-10-R** is a high-performance, dual-channel ultrasonic sensor module commonly used for distance measurement and obstacle detection in industrial automation and robotics. --- ## 1. Core Technical Specifications The following table outlines the primary electrical and physical characteristics of the M2UDS2-10-R: | Feature | Specification | | :--- | :--- | | **Operating Voltage** | 12V to 24V DC | | **Sensing Range** | 100mm to 1000mm (adjustable) | | **Output Type** | Relay (Form C) or PNP/NPN (Model dependent) | | **Ultrasonic Frequency** | ~40 kHz | | **Response Time** | < 100ms | | **Protection Rating** | IP65 / IP67 (Water/Dust resistant) | | **Connection Type** | M12 Connector (4-pin or 5-pin) | --- ## 2. Internal Electronic Components The module consists of several critical stages that manage the ultrasonic signal: ### A. Ultrasonic Transducers * **Piezoelectric Ceramic:** The heart of the unit. It converts electrical energy into mechanical vibrations (ultrasonic waves) and vice-versa. * **Dual-Head Design:** Typically features separate sender and receiver elements to reduce the "blind zone" and increase accuracy at close ranges. ### B. Signal Processing Unit * **Microcontroller (MCU):** Calculates the "Time of Flight" (ToF). It triggers the pulse and measures the exact time it takes for the echo to return. * **Amplification Circuit:** Since returning echoes are weak, high-gain operational amplifiers (Op-Amps) are used to boost the signal before processing. * **Noise Filters:** Band-pass filters are implemented to ignore ambient noise and focus strictly on the 40kHz return signal. ### C. Output Interface * **Relay/Transistor Switch:** The "R" in the part number often signifies a **Relay Output**. This allows the sensor to directly trigger high-load devices (like motors or alarms) without an external controller. * **Potentiometer/Teach-button:** Most models include a trimmer or button to set the switching threshold (the distance at which the relay toggles). --- ## 3. Wiring Configuration (General) Typical pinout for an M12 connector on this series: ```text Pin 1: Brown (+) 12-24V DC Pin 2: White (NC) Normally Closed Contact Pin 3: Blue (-) Ground / 0V Pin 4: Black (NO) Normally Open Contact Pin 5: Gray (COM) Common Contact for Relay ``` --- ## 4. Application Use Cases * **Liquid Level Sensing:** Detecting the height of liquids in tanks without physical contact. * **Object Detection:** Identifying the presence of transparent or shiny objects that optical sensors might miss. * **Web Tension Control:** Measuring the diameter of a roll of material in manufacturing.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the sensing distance on the M2UDS2-10-R?
    • ⤷ What are the main differences between the Relay (R) and PNP output versions?
    • ⤷ Can this sensor detect transparent materials like glass or clear plastic?