Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2UDS2-22-R2

  • AI
    The **M2UDS2-22-R2** is a specific model of an **Industrial Magnetic Proximity Sensor**, typically categorized as a magnetic reed switch or a non-contact safety switch used in industrial automation. --- ### 1. Technical Specifications The "electronic parts" of this device consist of the internal switching mechanism and the output wiring configuration. | Parameter | Specification | | :--- | :--- | | **Switch Type** | Magnetic Reed Switch / Non-contact | | **Contact Configuration** | 2 NO (Normally Open) or 1NO/1NC (Model dependent) | | **Max Voltage** | 100V - 250V AC/DC (varies by application) | | **Contact Capacity** | Typically 0.5A to 1.0A | | **Connection Type** | M12 Connector or Flying Leads | | **Housing Material** | Stainless Steel or High-grade Plastic | ### 2. Internal Electronic Components The device operates on electromagnetic principles rather than solid-state electronics (like NPN/PNP transistors). * **Reed Switch Element:** The core component. It consists of two ferromagnetic blades sealed in a glass envelope. When a magnetic field (from an actuator) approaches, the blades pull together to close the circuit. * **Encapsulation:** The internal parts are potted in epoxy resin to protect against vibration, moisture, and dust (IP67 rating). * **Protection Diodes/Varistors:** Some versions include internal surge suppression to prevent arcing when switching inductive loads. ### 3. Wiring Logic The **"22"** in the part number often indicates the contact arrangement. For a standard 2-wire or 4-wire setup, the circuit looks like this: ```mermaid graph LR A[Power In] --> B(Magnetic Switch) B --> C[Load/PLC Input] C --> D[Common/Ground] ``` ### 4. Key Features * **Non-Contact Operation:** No physical contact between the sensor and the target (actuator) means zero mechanical wear. * **High Environmental Resistance:** Ideal for wash-down environments or areas with heavy debris. * **Safety Rating:** Often used in interlocking circuits for machine guards. ---
    ✨ Follow-up Questions
    • ⤷ What is the sensing distance for the M2UDS2-22-R2?
    • ⤷ Is this sensor compatible with a 24V DC PLC input?
    • ⤷ Does it require a separate magnetic actuator to function?