Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2UDS2-22-R2/N

  • AI
    The **M2UDS2-22-R2/N** is a specialized industrial automation component, specifically a **Plug-in Digital Multi-Unit Timer** manufactured by **Patlite (formerly NHC/Kasuga)** or similar industrial control providers. It is designed for precise timing control in electrical panels and machinery. --- ### 1. Technical Specifications Below are the primary electronic and mechanical specifications for this unit: | Parameter | Specification | | :--- | :--- | | **Model Series** | M2U Series | | **Operation Type** | Multi-mode (On-delay, Flicker, Interval, etc.) | | **Input Voltage** | Typically 100-240VAC (Standard Universal) | | **Time Range** | Adjustable (Seconds, Minutes, Hours) | | **Output Type** | Relay Contact (DPDT - Double Pole Double Throw) | | **Mounting** | 8-pin or 11-pin Plug-in (Circular Socket) | | **Contact Rating** | 250VAC 5A (Resistive Load) | --- ### 2. Key Electronic Features #### A. Control Modes The "Multi-Unit" designation implies that the internal circuitry can be toggled between different operational logics: * **ON-Delay:** The output activates after a set time following power application. * **Flicker:** The output cycles ON and OFF repeatedly at the set interval. * **Signal OFF-Delay:** Timing begins when a control signal is removed. #### B. Internal Architecture The device utilizes a **Microcontroller (MCU)** based timing circuit rather than a traditional RC (Resistor-Capacitor) analog circuit. This ensures: * High repetitive accuracy (usually within ±0.3% error). * Digital display or high-resolution dials for setting precision. #### C. Relay Output Logic The **R2** in the suffix typically denotes the relay configuration. * It features **two timed changeover contacts**. * When the timer triggers, the internal electromagnetic coil switches the physical contacts, allowing it to control high-current loads like motors or solenoids. --- ### 3. Wiring and Pinout (Standard 8-Pin Config) The device typically follows the standard industrial circular pinout: ```text Pin 2 & 7: Power Supply (VAC) Pin 1: Common (Contact 1) Pin 3: Normally Open (Contact 1) Pin 4: Normally Closed (Contact 1) Pin 8: Common (Contact 2) Pin 6: Normally Open (Contact 2) Pin 5: Normally Closed (Contact 2) ``` --- ### 4. Application Use Cases 1. **Motor Starters:** Managing Star-Delta transitions. 2. **Conveyor Systems:** Delaying the start of a belt after an alarm sounds. 3. **HVAC:** Controlling compressor cycle times to prevent short-cycling.
    ✨ Follow-up Questions
    • ⤷ What are the specific timing range options for the M2UDS2 series?
    • ⤷ How do I wire the M2UDS2-22-R2/N for an ON-delay configuration?
    • ⤷ What is the difference between the R2 and R1 output variants in this series?